Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5565AVZ132 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5565AVZ132
Description  Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ132 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5565AVZ132 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5565AVZ132 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
6
3.2.1
General Notes for Specifications at Maximum Junction Temperature
An estimation of the chip junction temperature, T
J, can be obtained from the equation:
TJ = TA + (RθJA × PD)
where:
TA = ambient temperature for the package (oC)
RθJA = junction to ambient thermal resistance (oC/W)
PD = power dissipation in the package (W)
The supplied thermal resistances are provided based on JEDEC JESD51 series of standards to provide
consistent values for estimations and comparisons. The difference between the values determined on the
single-layer (1s) board and on the four-layer board with two signal layers and a power and a ground plane
(2s2p) clearly demonstrate that the effective thermal resistance of the component is not a constant. It
depends on the construction of the application board (number of planes), the effective size of the board
which cools the component, how well the component is thermally and electrically connected to the planes,
and the power being dissipated by adjacent components.
Connect all the ground and power balls to the respective planes with one via per ball. Using fewer vias to
connect the package to the planes reduces the thermal performance. Thinner planes also reduce the thermal
performance. When the clearance between through vias leave the planes virtually disconnected, the
thermal performance is also greatly reduced.
As a general rule, the value obtained on a single layer board is appropriate for the tightly packed printed
circuit board. The value obtained on the board with the internal planes is usually appropriate if the
application board has one oz (35 micron nominal thickness) internal planes, the components are well
separated, and the overall power dissipation on the board is less than 0.02 W/cm2.
6
Junction to Case 5
RθJC
°C/W
7
7
Junction to Package Top 6
Natural Convection
Ψ
JT
°C/W
2
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance,
mounting site (board) temperature, ambient temperature, air flow, power dissipation of other
components on the board, and board thermal resistance.
2 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
3 Per JEDEC JESD51-6 with the board horizontal.
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board
temperature is measured on the top surface of the board near the package.
5 Indicates the average thermal resistance between the die and the case top surface as measured by
the cold plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the
case temperature.
6 Thermal characterization parameter indicating the temperature difference between package top and
the junction temperature per JEDEC JESD51-2.
Table 3. Thermal Characteristics (continued)
Num
Characteristic
Symbol
Unit
Value
324 PBGA


Similar Part No. - MPC5565AVZ132

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5565 FREESCALE-MPC5565 Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ112 FREESCALE-MPC5565MVZ112 Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ112R FREESCALE-MPC5565MVZ112R Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ132 FREESCALE-MPC5565MVZ132 Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ132R FREESCALE-MPC5565MVZ132R Datasheet
1,002Kb / 54P
   Microcontroller
More results

Similar Description - MPC5565AVZ132

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com