Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5565MZQ80 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5565MZQ80
Description  Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565MZQ80 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5565MZQ80 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5565MZQ80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Ordering Information
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
2
Ordering Information
Figure 1. MPC5500 Family Part Number Example
Table 1. Orderable Part Numbers
Freescale Part
Number
Description
Speed
(MHz)
Max Speed1
(MHz) (fMAX)
1
Speed is the nominal maximum frequency. Max Speed is the maximum speed allowed including any frequency
modulation. 80-MHz parts allow for 80 MHz + 2% modulation. However, 132-MHz allows only 128 MHz + 2% FM.
Temperature
MPC5565MVZ132
MPC5565 Lead free 324 package
132
132
-40° C to 125° C
MPC5565MZQ132
MPC5565 Lead 324 package
132
132
-40° C to 125° C
MPC5565MVZ112
MPC5565 Lead free 324 package
112
114
-40° C to 125° C
MPC5565MZQ112
MPC5565 Lead 324 package
112
114
-40° C to 125° C
MPC5565MVZ80
MPC5565 Lead free 324 package
80
82
-40° C to 125° C
MPC5565MZQ80
MPC5565 Lead 324 package
80
82
-40° C to 125° C
MPC
M
80 R2
Qualification Status
Core Code
Device Number
Temperature Range
Package Identifier
Operating Frequency (MHz)
Tape and Reel Status
Temperature Range
M = -40° C to 125° C
A = -55° C to 125° C
Package Identifier
ZQ = 324PBGA SnPb
VZ = 324PBGA Pb-free
Operating Frequency
80 = 80MHz
112 = 112MHz
132 = 132MHz
Note: Not all options are available on all devices. Refer to Table 1.
Tape and Reel Status
R2 = Tape and Reel
(blank) = Trays
Qualification Status
P = Pre Qualification
M = Full Spec Qualified
5565
ZQ


Similar Part No. - MPC5565MZQ80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5565MZQ80 FREESCALE-MPC5565MZQ80 Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MZQ80R FREESCALE-MPC5565MZQ80R Datasheet
1,002Kb / 54P
   Microcontroller
More results

Similar Description - MPC5565MZQ80

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com