Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD70N02L-1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD70N02L-1
Description  N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD70N02L-1 Datasheet(HTML) 4 Page - STMicroelectronics

  STD70N02L-1 Datasheet HTML 1Page - STMicroelectronics STD70N02L-1 Datasheet HTML 2Page - STMicroelectronics STD70N02L-1 Datasheet HTML 3Page - STMicroelectronics STD70N02L-1 Datasheet HTML 4Page - STMicroelectronics STD70N02L-1 Datasheet HTML 5Page - STMicroelectronics STD70N02L-1 Datasheet HTML 6Page - STMicroelectronics STD70N02L-1 Datasheet HTML 7Page - STMicroelectronics STD70N02L-1 Datasheet HTML 8Page - STMicroelectronics STD70N02L-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STD70N02L - STD70N02L-1
4/17
2
Electrical characteristics
(Tcase =25°C unless otherwise specified)
Table 3.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 25mA, VGS= 0
24
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 20V,
VDS = 20V,Tc = 125°C
1
10
µA
µA
IGSS
Gate body leakage
current (VDS = 0)
VGS = ±20V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
11.8
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 30A
VGS= 5V, ID= 15A
0.0068
0.090
0.008
0.014
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward
transconductance
VDS =15V, ID = 30A
27
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =16V, f=1MHz, VGS=0
1400
400
55
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=10V, ID = 60A
VGS =10V
(see Figure 15)
24
5
3.4
32
nC
nC
nC
RG
Gate input resistance
f=1MHz Gate DC Bias =0
test signal level =20mV
open drain
0.5
1.5
3
QOSS
(2)
2.
Qoss.= Coss * D Vin, Coss = Cgd + Cgd. (see Appendix A)
Output charge
VDS =16V, VGS =0V
9.4
nC


Similar Part No. - STD70N02L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD70N02L-1 STMICROELECTRONICS-STD70N02L-1 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
More results

Similar Description - STD70N02L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com