Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QD4MSC Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MC9S08QD4MSC
Description  Microcontrollers
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QD4MSC Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC9S08QD4MSC Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S08QD4MSC Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 196 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
85
BCLR n,opr8a
Clear Bit n in Memory
(Mn
← 0)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
11
13
15
17
19
1B
1D
1F
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
– – – – – –
BCS rel
Branch if Carry Bit Set (if C = 1)
(Same as BLO)
REL
25 rr
3
ppp
– – – – – –
BEQ rel
Branch if Equal (if Z = 1)
REL
27 rr
3
ppp
– – – – – –
BGE rel
Branch if Greater Than or Equal To
(if N
⊕ V = 0) (Signed)
REL
90 rr
3
ppp
– – – – – –
BGND
Enter active background if ENBDM=1
Waits for and processes BDM commands
until GO, TRACE1, or TAGGO
INH
82
5+
fp...ppp
– – – – – –
BGT rel
Branch if Greater Than (if Z | (N
⊕ V) = 0)
(Signed)
REL
92 rr
3
ppp
– – – – – –
BHCC rel
Branch if Half Carry Bit Clear (if H = 0)
REL
28 rr
3
ppp
– – – – – –
BHCS rel
Branch if Half Carry Bit Set (if H = 1)
REL
29 rr
3
ppp
– – – – – –
BHI rel
Branch if Higher (if C | Z = 0)
REL
22 rr
3
ppp
– – – – – –
BHS rel
Branch if Higher or Same (if C = 0)
(Same as BCC)
REL
24 rr
3
ppp
– – – – – –
BIH rel
Branch if IRQ Pin High (if IRQ pin = 1)
REL
2F rr
3
ppp
– – – – – –
BIL rel
Branch if IRQ Pin Low (if IRQ pin = 0)
REL
2E rr
3
ppp
– – – – – –
BIT #opr8i
BIT opr8a
BIT opr16a
BIT oprx16,X
BIT oprx8,X
BIT ,X
BIT oprx16,SP
BIT oprx8,SP
Bit Test
(A) & (M)
(CCR Updated but Operands Not Changed)
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A5
B5
C5
D5
E5
F5
9E D5
9E E5
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
pp
rpp
prpp
prpp
rpp
rfp
pprpp
prpp
0 – –
BLE rel
Branch if Less Than or Equal To
(if Z | (N
⊕ V) = 1) (Signed)
REL
93 rr
3
ppp
– – – – – –
BLO rel
Branch if Lower (if C = 1) (Same as BCS)
REL
25 rr
3
ppp
– – – – – –
BLS rel
Branch if Lower or Same (if C | Z = 1)
REL
23 rr
3
ppp
– – – – – –
BLT rel
Branch if Less Than (if N
⊕ V = 1) (Signed)
REL
91 rr
3
ppp
– – – – – –
BMC rel
Branch if Interrupt Mask Clear (if I = 0)
REL
2C rr
3
ppp
– – – – – –
BMI rel
Branch if Minus (if N = 1)
REL
2B rr
3
ppp
– – – – – –
BMS rel
Branch if Interrupt Mask Set (if I = 1)
REL
2D rr
3
ppp
– – – – – –
BNE rel
Branch if Not Equal (if Z = 0)
REL
26 rr
3
ppp
– – – – – –
BPL rel
Branch if Plus (if N = 0)
REL
2A rr
3
ppp
– – – – – –
Table 7-2. Instruction Set Summary (Sheet 2 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C


Similar Part No. - MC9S08QD4MSC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QD4MSC FREESCALE-MC9S08QD4MSC Datasheet
2Mb / 202P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QD4MSC FREESCALE-MC9S08QD4MSC Datasheet
2Mb / 202P
   Microcontrollers
MC9S08QD4MSC FREESCALE-MC9S08QD4MSC Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results

Similar Description - MC9S08QD4MSC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com