Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12IE90HV Datasheet(PDF) 7 Page - STMicroelectronics

Part # C12IE90HV
Description  Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C12IE90HV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button C12IE90HV Datasheet HTML 3Page - STMicroelectronics C12IE90HV Datasheet HTML 4Page - STMicroelectronics C12IE90HV Datasheet HTML 5Page - STMicroelectronics C12IE90HV Datasheet HTML 6Page - STMicroelectronics C12IE90HV Datasheet HTML 7Page - STMicroelectronics C12IE90HV Datasheet HTML 8Page - STMicroelectronics C12IE90HV Datasheet HTML 9Page - STMicroelectronics C12IE90HV Datasheet HTML 10Page - STMicroelectronics C12IE90HV Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STC12IE90HV
Electrical characteristics
7/11
2.2
Test circuits
Figure 9.
Static VCS(ON) test circuits
Figure 10. Inductive load switching and RBSOA test circuit


Similar Part No. - C12IE90HV

ManufacturerPart #DatasheetDescription
logo
Powerbox
C12 POWERBOX-C12 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Texas Instruments
C12 TI1-C12 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
XP Power Limited
C12 XPPOWER-C12 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Omron Electronics LLC
C12-CS1W-V680-C11 OMRON-C12-CS1W-V680-C11 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
C12-CS1W-V680-C12 OMRON-C12-CS1W-V680-C12 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
More results

Similar Description - C12IE90HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
November 2006 Rev 2
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com