Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC113-1B-P-C1-120DD-X Datasheet(PDF) 1 Page - Picker Components

Part # PC113-1B-P-C1-120DD-X
Description  PC113
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC113-1B-P-C1-120DD-X Datasheet(HTML) 1 Page - Picker Components

  PC113-1B-P-C1-120DD-X Datasheet HTML 1Page - Picker Components PC113-1B-P-C1-120DD-X Datasheet HTML 2Page - Picker Components PC113-1B-P-C1-120DD-X Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Minature 15 Amp General Purpose Relay
FEATURES
1, 2, 3 and 4 pole contact forms
10 & 15 amp switching capacity
Available as Plug in or with PC pins
AC and DC coils available
Available with gold plated contacts
UL Class B insulation standard
PC113
Load Type
General Purpose
Motor
Max. Switching Power
Voltage
277 VAC
250 VAC
28 VDC
1 Form C
12 A
15 A
15 A
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
25 ms. Max.
Release Time
Insulation Resistance
25 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
1 & 2 Pole DC .9 W, AC 1.2 VA, 3 Pole DC 1.4 W, AC 2.0 VA 4 Pole DC 1.5 W, AC 2.5 VA
Ambient Temperature Range
-55 to 70 C, -55 to 130 C storage
Weight
37 grams (1 & 2C), 50 grams (3C), 70 grams (4C)
125 VAC
250 VAC
1/2 HP
1/2 HP
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
(SPDT)
PC113 Rev E 5-3-05
1000 Vrms, 1 min. between contact poles
PAGE 1
ORDERING INFORMATION
Example: PC113
Contacts:
-120A
Options
-3C
Terminal Type
Nil: Solder Lugs; P: PC Pins
-LD
Arc barrier equipped
Case Style
Nil: Plain Case; C1: Flange Mount Case
-C1
2, 3 & 4 Form C
(DPDT, 3PDT & 4PDT)
10 A
12 A
12 A
1/2 HP
1/2 HP
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
1 X 107
1 X 105
Operations
Operations
File # E86876
3750 VA
420 W
3000 VA
336 W
1A, B or C; 2A, B or C
Nil: None; G: Gold Plated Contacts; L: LED indicator; D: Internal Diode
Coil
XXXA: AC Coil; XXXD: DC coil
-P
Available with top mounting flange
3A, B or C; 4A, B or C
Note: LED polarity is
positive on terminal 8
negative on terminal 7
Now available Lead Free & RoHS Compliant
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant
-X


Similar Part No. - PC113-1B-P-C1-120DD-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC113-1B-P-C1-120A-D-X PICKER-PC113-1B-P-C1-120A-D-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-1B-P-C1-120A-G-X PICKER-PC113-1B-P-C1-120A-G-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-1B-P-C1-120A-L-X PICKER-PC113-1B-P-C1-120A-L-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-1B-P-C1-120A-NIL-X PICKER-PC113-1B-P-C1-120A-NIL-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com