Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9983AKSTZ-140 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9983AKSTZ-140
Description  High Performance 8-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983AKSTZ-140 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9983AKSTZ-140 Datasheet HTML 4Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 5Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 6Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 7Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 8Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 9Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 10Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 11Page - Analog Devices AD9983AKSTZ-140 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9983A
Preliminary Technical Data
Rev. PrA | Page 8 of 44
Pin Number
Pin Type
80-Lead LQFP
64-Lead LFCSP
Mnemonic
Function
Value
Outputs
28 to 35
54 to 61
RED [7:0]
Outputs of Converter R, Bit 9 is the MSB
3.3 V CMOS
42 to 49
1 to 8
GREEN [7:0]
Outputs of Converter G, Bit 9 is the MSB
3.3 V CMOS
54 to 61
11 to 18
BLUE [7:0]
Outputs of Converter B, Bit 9 is the MSB
3.3 V CMOS
25
52
DATACK
Data Output Clock
3.3 V CMOS
23
50
HSOUT
Hsync Output Clock (Phase-Aligned with
DATACK)
3.3 V CMOS
222
49
VSOUT
Vsync Output Clock
3.3 V CMOS
24
51
SOGOUT
Sync-on-Green Slicer Output
3.3 V CMOS
21
48
O/E FIELD
Odd/Even Field Output
3.3 V CMOS
References
78
31
FILT
Connection for External Filter Components for
Internal PLL
18
46
REFLO
Connection for External Capacitor for Input
Amplifier
20
47
REFHI
Connection for External Capacitor for Input
Amplifier
Power Supply
1, 5, 9, 13
33, 36, 39, 42
VD
Analog Power Supply
1.8 V
26, 38, 52, 64
21, 53
VDD
Output Power Supply
1.8 V or 3.3 V
74, 76, 79
30, 32
PVD
PLL Power Supply
1.8 V
41
64
DAVDD
Digital Logic Power Supply
1.8 V
3, 7, 11, 15, 39, 40,
53, 65, 75, 77, 80
GND
Ground
0 V
Control
66
22
SDA
Serial Port Data I/O
3.3 V CMOS
67
23
SCL
Serial Port Data Clock (100 kHz maximum)
3.3 V CMOS
222
49
A0
Serial Port Address Input
3.3 V CMOS
1 EXTCK and COAST share the same pin.
2 VSOUT and A0 share the same pin.


Similar Part No. - AD9983AKSTZ-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9983A AD-AD9983A Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
More results

Similar Description - AD9983AKSTZ-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com