Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC113-3B-P-C1-120AL-X Datasheet(PDF) 3 Page - Picker Components

Part # PC113-3B-P-C1-120AL-X
Description  PC113
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC113-3B-P-C1-120AL-X Datasheet(HTML) 3 Page - Picker Components

  PC113-3B-P-C1-120AL-X Datasheet HTML 1Page - Picker Components PC113-3B-P-C1-120AL-X Datasheet HTML 2Page - Picker Components PC113-3B-P-C1-120AL-X Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC113
PC113
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 3
Tolerances + .010 unless otherwise noted
Notes:
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
(21.5)
.846
(35.0)
1.38
(6.5)
.256
(21.5)
.846
(35.0)
1.38
(6.5)
.256
(43.0)
1.693
(38.0)
1.496
(28.0)
1.102
(43.0)
1.693
(38.0)
1.496
(28.0)
1.102
(43.0)
1.693
(38.0)
1.496
(28.0)
1.102
(41.0)
1.62
(28.0)
1.102
(3.5)
.138 Typ.
(31.5)
1.24
(21.5)
.846
(7.15)
.281
(6.0)
.236
(4.6)
.181
(10)
.39
(14.2)
.56
(10)
.39
(10)
.39
(10)
.39
(10)
.39
(10)
.39
Wiring Diagram 1 Pole
1
2
3
4
5
6
7
8
Wiring Diagram 2 Pole
1
2
3
4
5
6
7
8
Wiring Diagram 3 Pole
1
3
4
6
7
9
10
11
2
5
8
Wiring Diagram 4 Pole
1
3
5
7
9
11
13
14
2
6
10
4
8
12
(4.75)
.187


Similar Part No. - PC113-3B-P-C1-120AL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC113-1B-P-C1-120A-D-X PICKER-PC113-1B-P-C1-120A-D-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-1B-P-C1-120A-G-X PICKER-PC113-1B-P-C1-120A-G-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-1B-P-C1-120A-L-X PICKER-PC113-1B-P-C1-120A-L-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-1B-P-C1-120A-NIL-X PICKER-PC113-1B-P-C1-120A-NIL-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-1B-P-NIL-120A-D-X PICKER-PC113-1B-P-NIL-120A-D-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com