Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7313 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 22Page - Texas Instruments THS7313 Datasheet HTML 23Page - Texas Instruments THS7313 Datasheet HTML 24Page - Texas Instruments THS7313 Datasheet HTML 25Page - Texas Instruments THS7313 Datasheet HTML 26Page - Texas Instruments THS7313 Datasheet HTML 27Page - Texas Instruments THS7313 Datasheet HTML 28Page - Texas Instruments THS7313 Datasheet HTML 29Page - Texas Instruments THS7313 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
www.ti.com
OUTPUT MODES OF OPERATION – AC COUPLED WITH SAG CORRECTION
Signal
Internal
Circuitry
Video
Out
Out
SAG
675 W
1 kW
878 W
150 W
75 W
75 W
47 F
m
33 F
m
1
)
(675
) 878)
1k
+ 2.55 V V () 8.1 dB).
(1)
1
)
(675
ø 150) ) 878
1k
+ 1 )
1k
1k +
2 V V (
) 6.0 dB)
(2)
THS7313
SLOS483 – NOVEMBER 2005
APPLICATION INFORMATION (continued)
Although it is common to use the same capacitor values for all the video lines, the frequency bandwidth of the
chroma signal in a S-Video system are not required to go as low or as high as the frequency of the luma
channels. Thus, the capacitor values of the chroma line(s) can be smaller – such as 0.1
µF.
Other than the line droop issue, ac coupling has another potential issue – size and cost. A 330-
µF to 1000-µF
capacitor is large and can be quite costly in a system. Multiply these items by the number of channels, and the
size and costs can be significant. But, it is still desirable to use ac coupling to eliminate ground loop issues and
insure interoperability among video devices.
The SAG nomenclature represents signal amplitude gain correction in this document. SAG correction is a
method which is used to ac couple the video signal while using much smaller value capacitors. SAG correction is
accomplished by manipulating the feedback network of the output buffer. The THS7313 was designed to take
advantage of this compensation scheme while minimizing the number of external components required.
Figure 54 shows the basic configuration of the output buffer stage along with the SAG configuration driving a
single video line.
Figure 54. THS7313 Output Buffer Using SAG Corrected AC-Coupling
SAG compensation can be analyzed by looking at low frequency operation and high frequency operation. At low
frequencies, the impedance of the capacitors are high and the corresponding gain of the amplifier is:
But, at high frequencies, the impedance of the capacitors are low and the resulting gain of the amplifier is:
which is needed to counter-act the doubly terminated 75-
Ω output divider (-6 dB) circuit. Resulting in the video
out signal equaling the Input signal amplitude.
When the SAG output pin is connected directly to the amplifier output, as found in the dc-coupled and the
ac-coupled configurations, the gain is configured properly at 2 V/V (6 dB). The SAG pin is part of the negative
feedback network. Thus, the capacitors and traces should be constructed as close as possible to the THS7313 to
minimize parasitic issues. Failure to do so may result in ringing of the video signal.
If these large capacitors must be placed further than 15 mm away from the THS7313, it is recommended that a
0.01-
µF capacitor be placed between the output of the channel and the SAG pin. This capacitor should be placed
as close as possible to the THS7313 to minimize stray capacitance and inductance issues. Since SAG correction
targets the low frequency operation area, there is no drawback of adding this high frequency capacitor to the
circuit.
26


Similar Part No. - THS7313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314D TI-THS7314D Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com