Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THS7313 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

THS7313 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS, V
S+ = 5 V
THS7313
SLOS483 – NOVEMBER 2005
R
L = 150 Ω to GND, Input Bias = dc, SAG pin shorted to the output pin (unless otherwise noted)
TYP
OVERTEMPERATURE
PARAMETER
TEST CONDITIONS
–40
°C to
25
°C
25
°C
0
°C to 70°C
UNITS
MIN/MAX
85
°C
AC PERFORMANCE
Small-signal bandwidth
VO– 0.2 VPP(1)
8
6.7/9.3
6.55/9.45
6.5/9.5
MHz
Min/Max
(–3 dB)
Large-signal bandwidth
VO– 2 VPP(1)
8
MHz
(–3 dB)
Group delay
f = 100 kHz
67
ns
Group delay variation with
f = 5.1 MHz
13.5
ns
respect to 100 kHz
Channel-to-Channel group
f = 5.1 MHz
0.5
ns
delay variation
f = 5.75 MHz
0.5
-0.2 / 2
-0.4 / 2.2
-0.5 / 2.3
dB
Min/Max
Attenuation with respect to
100 kHz
f = 27 MHz
48
36
35
34
dB
Min
Mute feed-thru
f = 1 MHz
-80
dB
Differential gain
NTSC/PAL
0.08%/0.16
%
Differential phase
NTSC/PAL
0.18
°/0.18°
Total harmonic distortion
f = 1 MHz, VO = 2 VPP
–67
dB
Signal to noise ratio
Unified weighting 100 kHz to 6 MHz
82
dB
Channel-to-Channel
f = 1 MHz
–64
dB
Crosstalk
MUX Isolation
f = 5.1 MHz
73
dB
AC gain – All channels
f = 100 kHz
6
5.7/6.3
5.65/6.35
5.65/6.35
dB
Min/Max
Output impedance
f = 10MHz
0.7
DC PERFORMANCE
Output offset voltage
Bias = dc
30
90
95
95
mV
Max
Average offset voltage drift
Bias = dc
20
µV/°C
Bias = dc + 135 mV, VI = 0 V
290
235/345
215/360
200/375
mV
Min/Max
Bias output voltage
Bias = ac
2.5
2.3/2.7
2.25/2.75
2.25/2.75
V
Min/Max
Sync tip clamp output
Bias = ac STC
300
230/375
215/385
210/390
mV
Min/Max
voltage
Input bias current
Bias = dc - implies Ib out of the pin
–0.6
–4
–5
–5
µA
Max
Average bias current drift
Bias = dc
10
nA/
°C
Bias = ac STC, low bias
1.9
0.6/3.3
0.5/3.5
0.4/3.6
µA
Min/Max
Sync tip clamp bias current
Bias = ac STC, mid bias
6
4.3/8.2
4.1/8.4
4/8.5
µA
Min/Max
Bias = ac STC, high bias
8.2
6.2/10.8
6/11
5.9/11.1
µA
Min/Max
INPUT CHARACTERISTICS
Input voltage range
Bias = dc - limited by output
0/2.4
0/2.35
0/2.3
0/2.3
V
Min/Max
Bias = ac bias mode
19
k
Input resistance
Bias = dc, dc + 135 mV, ac STC
3
M
Input capacitance
2
pF
OUTPUT CHARACTERISTICS
RL = 150 Ω to midrail
4.8
4.4
4.3
4.3
V
Min
RL = 150 Ω to GND
4.65
4.2
4.1
4.1
V
Min
High output voltage swing
RL = 75 Ω to midrail
4.7
4.3
4.2
4.2
V
Min
RL = 75 Ω to GND
4.4
4.1
4
4
V
Min
RL = 150 Ω to midrail
0.2
0.34
0.37
0.37
V
Max
RL = 150 Ω to GND
0.1
0.23
0.26
0.27
V
Max
Low output voltage swing
RL = 75 Ω to Midrail
0.35
0.46
0.5
0.5
V
Max
RL = 75 Ω to GND
0.1
0.23
0.26
0.27
V
Max
(1)
The Min/Max values listed are specified by design only.
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn