Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THS7313 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

THS7313 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
www.ti.com
THS7313
SLOS483 – NOVEMBER 2005
ELECTRICAL CHARACTERISTICS, V
S+ = 3.3 V (continued)
R
L = 150 Ω to GND, Input Bias = dc, SAG pin shorted to the output pin (unless otherwise noted)
TYP
OVERTEMPERATURE
PARAMETER
TEST CONDITIONS
–40
°C to
25
°C
25
°C
0
°C to 70°C
UNITS
MIN/MAX
85
°C
RL = 150 Ω to Midrail
0.14
0.24
0.27
0.28
V
Max
RL = 150 Ω to GND
0.09
0.17
0.2
0.21
V
Max
Low output voltage swing
RL = 75 Ω to Midrail
0.24
0.33
0.36
0.37
V
Max
RL = 75 Ω to GND
0.09
0.17
0.2
0.21
V
Max
RL = 10 Ω to Midrail, sourcing
70
45
42
40
mA
Min
Output current
RL = 10 Ω to Midrail, sinking
70
45
42
40
mA
Min
POWER SUPPLY
Maximum operating voltage
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
3.3
2.6
2.6
2.6
V
Min
Maximum quiescent current
Per channel VI = 200 mV
6
7.2
7.4
7.5
mA
Max
Minimum quiescent current
Per channel VI = 200 mV
6
4.8
4.6
4.5
mA
Min
Total quiescent current
All channels ON, VI = 200 mV (2)
16.6
mA
Power supply rejection
VS+ = 3.5 V to 3.1 V
59
37
35
35
dB
Min
(+PSRR)
DISABLE CHARACTERISTICS
Quiescent current
All 3 channels disabled (3)
0.1
µA
Turn-on time delay (tON)
5
µs
Time reaches 50% of final value after I2C
control is completed
Turn-on time delay (tOFF)
2
µs
(2)
Due to sharing of internal bias circuitry, the quiescent current, with all channels operating, is less than the single individual channel
quiescent current channels added together.
(3)
Note that the I2C circuitry is still active while in disable mode. The current shown has no activity with the THS7313 I2C circuitry.
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn