Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761664DBT Datasheet(PDF) 8 Page - Texas Instruments

Part # SN761664DBT
Description  DTV TUNER IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761664DBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN761664DBT Datasheet HTML 4Page - Texas Instruments SN761664DBT Datasheet HTML 5Page - Texas Instruments SN761664DBT Datasheet HTML 6Page - Texas Instruments SN761664DBT Datasheet HTML 7Page - Texas Instruments SN761664DBT Datasheet HTML 8Page - Texas Instruments SN761664DBT Datasheet HTML 9Page - Texas Instruments SN761664DBT Datasheet HTML 10Page - Texas Instruments SN761664DBT Datasheet HTML 11Page - Texas Instruments SN761664DBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
Electrical Characteristics – Total Device and Serial Interface
SN761664
DTV TUNER IC
SLES184 – JUNE 2006
V
CC = 4.5 V to 5.5 V, TA = –20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1
Supply current 1
75
mA
ICC2
Supply current 2
One band switch on (IBS = 10 mA)
87
mA
ICC-STBY
Standby supply current
STBY = 1
8
mA
VIH
High-level input voltage (SCL, SDA)
2.3
V
VIL
Low-level input voltage (SCL, SDA)
1.35
V
IIH
High-level input current (SCL, SDA)
10
µA
IIL
Low-level input current (SCL, SDA)
–10
µA
Power-on-reset supply voltage (threshold of supply
VPOR
2.1
2.8
3.5
V
voltage between reset and operation mode)
I2C Interface
VASH
Address-select high-input voltage (AS)
VCC = 5 V
4.5
5
V
VASM1
Address-select mid-input 1 voltage (AS)
VCC = 5 V
2
3
V
VASM2
Address-select mid-input 2 voltage (AS)
VCC = 5 V
1
1.5
V
VASL
Address-select low-input voltage (AS)
VCC = 5 V
0.5
V
IASH
Address-select high-input current (AS)
10
µA
IASL
Address-select low-input current (AS)
–10
µA
VADC
ADC input voltage
See Table 10
0
VCC
V
IADH
ADC high-level input current
VADC = VCC
10
µA
IADL
ADC low-level input current
VADC = 0 V
–10
µA
VOL
Low-level output voltage (SDA)
VCC = 5 V, IOL = 3 mA
0.4
V
lSDAH
High-level output leakage current (SDA)
VSDA = 5.5 V
10
µA
fSCL
Clock frequency (SCL)
100
400
kHz
tHD-DAT
Data hold time
See Figure 20
0
µs
tBUF
Bus free time
1.3
µs
tHD-STA
Start hold time
0.6
µs
tLOW
SCL-low hold time
0.6
µs
tHIGH
SCL-high hold time
0.6
µs
tSU-STA
Start setup time
0.6
µs
tSU-DAT
Data setup time
0.1
µs
tr
Rise time (SCL, SDA )
0.3
µs
tf
Fall time (SCL, SDA)
0.3
µs
tSU-STO
Stop setup time
0.6
µs
8
Submit Documentation Feedback


Similar Part No. - SN761664DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761662DBT TI-SN761662DBT Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662DBT TI1-SN761662DBT Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761662DBTR TI1-SN761662DBTR Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
More results

Similar Description - SN761664DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
logo
Zoran Corporation
CAS-220 ZORAN-CAS-220 Datasheet
95Kb / 2P
   DTV Demodulator IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com