Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LVC04A Datasheet(PDF) 2 Page - Texas Instruments

Part No. SN54LVC04A
Description  HEX INVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54LVC04A Datasheet(HTML) 2 Page - Texas Instruments

  SN54LVC04A_07 Datasheet HTML 1Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 2Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 3Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 4Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 5Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 6Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 7Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 8Page - Texas Instruments SN54LVC04A_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
A
Y
SN54LVC04A, SN74LVC04A
HEX INVERTERS
SCAS281R – JANUARY 1993 – REVISED JULY 2005
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)
PART NUMBER
MARKING
–40°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC04ARGYR
LC04A
Tube of 50
SN74LVC04AD
SOIC – D
Reel of 2500
SN74LVC04ADR
LVC04A
Reel of 250
SN74LVC04ADT
SOP – NS
Reel of 2000
SN74LVC04ANSR
LVC04A
–40°C to 125°C
SSOP - DB
Reel of 2000
SN74LVC04ADBR
LC04A
Tube of 90
SN74LVC04APW
TSSOP – PW
Reel of 2000
SN74LVC04APWR
LC04A
Reel of 250
SN74LVC04APWT
TVSOP – DGV
Reel of 2000
SN74LVC04ADGVR
LC04A
CDIP – J
Tube of 25
SNJ54LVC04AJ
SNJ54LVC04AJ
–55°C to 125°C
CFP – W
Tube of 150
SNJ54LVC04AW
SNJ54LVC04AW
LCCC – FK
Tube of 55
SNJ54LVC04AFK
SNJ54LVC04AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM, EACH INVERTER (POSITIVE LOGIC)
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
SN54ACT04HEX INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHC05HEX INVERTERS WITH OPEN-DRAIN OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CD54ACT05HEX INVERTERS WITH OPEN-DRAIN OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LV14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LV07A_06HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS 1 2 3 4 5 MoreTexas Instruments
NCV7708Double Hex Driver 1 2 3 4 5 MoreON Semiconductor
MC10188Hex Buffer With Enable 1 2 3 4 Motorola, Inc
CD54ACT174HEX D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn