Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54HC4040 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54HC4040
Description  12-BIT ASYNCHRONOUS BINARY COUNTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC4040 Datasheet(HTML) 2 Page - Texas Instruments

  SN54HC4040 Datasheet HTML 1Page - Texas Instruments SN54HC4040 Datasheet HTML 2Page - Texas Instruments SN54HC4040 Datasheet HTML 3Page - Texas Instruments SN54HC4040 Datasheet HTML 4Page - Texas Instruments SN54HC4040 Datasheet HTML 5Page - Texas Instruments SN54HC4040 Datasheet HTML 6Page - Texas Instruments SN54HC4040 Datasheet HTML 7Page - Texas Instruments SN54HC4040 Datasheet HTML 8Page - Texas Instruments SN54HC4040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN54HC4040, SN74HC4040
12BIT ASYNCHRONOUS BINARY COUNTERS
SCLS160D − DECEMBER 1982 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each buffer)
INPUTS
FUNCTION
CLK
CLR
FUNCTION
L
No change
L
Advance to next stage
X
H
All outputs L
logic diagram (positive logic)
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
R
T
R
T
R
T
R
T
R
T
R
T
R
T
R
T
R
T
R
T
R
T
R
T
95
3
2
4
13
12
14
15
1
11
10
CLR
CLK
QA
QD
QE
QH
QK
QL
QF
QG
QI
QJ
7
QB
6
QC
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LV4040A 12-BIT ASYNCHRONOUS BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
SN54LV4040A_07 12-BIT ASYNCHRONOUS BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
SN54LV404A 12-BIT ASYNCHRONOUS BIARY COUNTERS 1  2  3  4  5  More Texas Instruments
SN54HC4060_06 14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS 1  2  3  4  5  More Texas Instruments
SN54HC191 4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
CD54AC161 4-BIT SYNCHRONOUS BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
5490 Decade and Binary Counters 1  2  3  4  5  More National Semiconductor (TI)
CD54ACT161 4-BIT SYNCHRONOUS BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
AD7328 8-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC 1  2  3  4  5  More Analog Devices
MAX1363 4-Channel 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn