Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AHC125 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN54AHC125
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHC125 Datasheet(HTML) 4 Page - Texas Instruments

  SN54AHC125_07 Datasheet HTML 1Page - Texas Instruments SN54AHC125_07 Datasheet HTML 2Page - Texas Instruments SN54AHC125_07 Datasheet HTML 3Page - Texas Instruments SN54AHC125_07 Datasheet HTML 4Page - Texas Instruments SN54AHC125_07 Datasheet HTML 5Page - Texas Instruments SN54AHC125_07 Datasheet HTML 6Page - Texas Instruments SN54AHC125_07 Datasheet HTML 7Page - Texas Instruments SN54AHC125_07 Datasheet HTML 8Page - Texas Instruments SN54AHC125_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54AHC125, SN74AHC125
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCLS256J – DECEMBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC125
SN74AHC125
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
5.6*
8*
1*
9.5*
1
9.5
ns
tPHL
A
Y
CL = 15 pF
5.6*
8*
1*
9.5*
1
9.5
ns
tPZH
OE
Y
CL =15 pF
5.4*
8*
1*
9.5*
1
9.5
ns
tPZL
OE
Y
CL = 15 pF
5.4*
8*
1*
9.5*
1
9.5
ns
tPHZ
OE
Y
CL =15 pF
7*
9.7*
1*
11.5*
1
11.5
ns
tPLZ
OE
Y
CL = 15 pF
7*
9.7*
1*
11.5*
1
11.5
ns
tPLH
A
Y
CL =50 pF
8.1
11.5
1
13
1
13
ns
tPHL
A
Y
CL = 50 pF
8.1
11.5
1
13
1
13
ns
tPZH
OE
Y
CL =50 pF
7.9
11.5
1
13
1
13
ns
tPZL
OE
Y
CL = 50 pF
7.9
11.5
1
13
1
13
ns
tPHZ
OE
Y
CL =50 pF
9.5
13.2
1
15
1
15
ns
tPLZ
OE
Y
CL = 50 pF
9.5
13.2
1
15
1
15
ns
tsk(o)
OE
Y
CL = 50 pF
1.5**
1.5
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC125
SN74AHC125
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
3.8*
5.5*
1*
6.5*
1
6.5
ns
tPHL
A
Y
CL = 15 pF
3.8*
5.5*
1*
6.5*
1
6.5
ns
tPZH
OE
Y
CL =15 pF
3.6*
5.1*
1*
6*
1
6
ns
tPZL
OE
Y
CL = 15 pF
3.6*
5.1*
1*
6*
1
6
ns
tPHZ
OE
Y
CL =15 pF
4.6*
6.8*
1*
8*
1
8
ns
tPLZ
OE
Y
CL = 15 pF
4.6*
6.8*
1*
8*
1
8
ns
tPLH
A
Y
CL =50 pF
5.3
7.5
1
8.5
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.3
7.5
1
8.5
1
8.5
ns
tPZH
OE
Y
CL =50 pF
5.1
7.1
1
8
1
8
ns
tPZL
OE
Y
CL = 50 pF
5.1
7.1
1
8
1
8
ns
tPHZ
OE
Y
CL =50 pF
6.1
8.8
1
10
1
10
ns
tPLZ
OE
Y
CL = 50 pF
6.1
8.8
1
10
1
10
ns
tsk(o)
CL = 50 pF
1**
1
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn