Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9687L2 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9687L2
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9687L2 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9687L2 Datasheet HTML 4Page - California Eastern Labs PS9687L2 Datasheet HTML 5Page - California Eastern Labs PS9687L2 Datasheet HTML 6Page - California Eastern Labs PS9687L2 Datasheet HTML 7Page - California Eastern Labs PS9687L2 Datasheet HTML 8Page - California Eastern Labs PS9687L2 Datasheet HTML 9Page - California Eastern Labs PS9687L2 Datasheet HTML 10Page - California Eastern Labs PS9687L2 Datasheet HTML 11Page - California Eastern Labs PS9687L2 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PS9687L1,PS9687L2
VCC = 5.0 V,
VO = 0.8 V
5
4
3
2
1
0
250
200
150
100
50
0
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
1.0 k
RL = 350
IF = 7.5 mA,
VCC = 5.0 V
IF = 7.5 mA,
VCC = 5.0 V
tr:RL = 4.0 k
tr:RL = 350
tf:RL = 350
Ω, 1.0 kΩ, 4.0 kΩ
tr:RL = 1.0 k
RL = 1.0 k
RL = 350
RL = 4.0 k
4.0 k
IF = 7.5 mA,
VCC = 5.0 V
tPLH: RL = 350
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ
tPLH: RL = 4.0 k
tPLH: RL = 1.0 k
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
100
80
60
40
20
0
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Forward Current IF (mA)
0
20
40
60
80
100
120
140
5
7.5
10
12.5
15
17.5
20
VCC = 5.0 V
120
100
80
60
40
20
0
tPLH: RL = 4.0 k
tPLH: RL = 1.0 k
tPLH: RL = 350
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ
20
17.5
15
12.5
7.5
10
5
VCC = 5.0 V
100
80
60
40
20
0
RL = 4.0 k
RL = 350
RL = 1.0 k
PULSE WIDTH DISTORTION vs.
FORWARD CURRENT
Remark The graphs indicate nominal characteristics.
Data Sheet PN10573EJ01V0DS
8


Similar Part No. - PS9687L2

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS9601 NEC-PS9601 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601L NEC-PS9601L Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS9601L NEC-PS9601L Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
More results

Similar Description - PS9687L2

ManufacturerPart #DatasheetDescription
logo
NEC
PS9587 NEC-PS9587 Datasheet
186Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
California Eastern Labs
PS9587 CEL-PS9587 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com