Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW6IC2015NBR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MW6IC2015NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6IC2015NBR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MW6IC2015NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW6IC2015NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
RF Device Data
Freescale Semiconductor
MW6IC2015NBR1 MW6IC2015GNBR1
TYPICAL CHARACTERISTICS — 1930-1990 MHz
2000
10
40
1900
−60
0
IRL
Gps
IMD
f, FREQUENCY (MHz)
VDD = 26 Vdc, Pout = 7.5 W (Avg.)
IDQ1 = 100 mA, IDQ2 = 170 mA
100 kHz Tone Spacing
35
−10
30
25
−20
20
−30
15
−40
−50
1920
1960
1980
Figure 5. Two-Tone Wideband Performance
@ Pout = 7.5 Watts Avg.
PAE
1940
2000
0
30
1900
−60
0
IRL
f, FREQUENCY (MHz)
VDD = 26 Vdc, Pout = 1.5 W (Avg.)
IDQ1 = 100 mA, IDQ2 = 170 mA
100 kHz Tone Spacing
25
−10
20
15
−20
10
−30
5
−40
−50
1920
1960
1980
Figure 6. Two-Tone Wideband Performance
@ Pout = 1.5 Watts Avg.
1940
Gps
PAE
IMD
Pout, OUTPUT POWER (WATTS) AVG.
30
23
31
1
IDQ1 = 100 mA
IDQ2 = 210 mA
VDD = 26 Vdc
Center Frequency = 1960 MHz
100 kHz Tone Spacing
29
27
25
10
Figure 7. Two-Tone Power Gain versus
Output Power
30
28
26
24
0.1
IDQ1 = 100 mA
IDQ2 = 170 mA
IDQ1 = 130 mA
IDQ2 = 170 mA
IDQ1 = 100 mA
IDQ2 = 130 mA
IDQ1 = 70 mA
IDQ2 = 170 mA
30
−80
−10
0.1
7th Order
VDD = 26 Vdc
IDQ1 = 100 mA, IDQ2 = 170 mA
f = 1960 MHz, 100 kHz Tone Spacing
5th Order
3rd Order
110
−20
−30
−40
−50
−60
−70
Pout, OUTPUT POWER (WATTS) PEP
Figure 8. Intermodulation Distortion Products
versus Output Power


Similar Part No. - MW6IC2015NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6IC2015NBR1 FREESCALE-MW6IC2015NBR1 Datasheet
1Mb / 28P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW6IC2015NBR1 NXP-MW6IC2015NBR1 Datasheet
1Mb / 28P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
logo
Freescale Semiconductor...
MW6IC2015NBR1 FREESCALE-MW6IC2015NBR1_08 Datasheet
1Mb / 28P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MW6IC2015NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com