Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVD316 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HVD316
Description  Variable Capacitance Diode for BS/CS tuner
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HVD316 Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVD316
Rev.1.00 Jul 27, 2006 page 3 of 4
Main Characteristic
010
2030
40
50
Fig.1 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
1.0
10
10
2
0
30
4
6
8
1.0
10
2.0
0.4
0
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)
0.8
1.2
1.6
10
-12
10
-11
10
-9
10
-8
10
-7
10
-6
10
-10
10
-13
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f=470MHz
f=1MHz


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVC316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
HVL375CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV650KPVariable Capacitance Diode for Digital audio 1 2 3 4 5 Renesas Technology Corp
HVD372BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD380BVariable Capacitance Diode for VCO 1 2 3 4 5 Hitachi Semiconductor
HVD380BVariable Capacitance Diode for VCO 1 2 3 4 5 MoreRenesas Technology Corp
HVU362Variable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVU351Variable Capacitance Diode for VCO 1 2 3 Hitachi Semiconductor
HVL355CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
NUP4304MR6Low Capacitance Diode Array for ESD Protection in Four Data Lines 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn