Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVD316 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HVD316
Description  Variable Capacitance Diode for BS/CS tuner
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HVD316 Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVD316
Rev.1.00 Jul 27, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 30 V
Reverse current
IR2
100
nA
VR = 30 V, Ta = 60
°C
C1
5.16
7.22
VR = 1 V, f = 1 MHz
Capacitance
C25
0.48
0.76
pF
VR = 25V, f = 1 MHz
Capacitance ratio
n
9.0
C1 / C25
Series resistance
rS
2.20
VR = 1 V, f = 470 MHz
Matching error
∆C/C *
1
6.00
%
VR = 1 to 25 V, f = 1 MHz
Notes: 1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C continuous in a reel,
expect extention to another group.
Calculate Matching Error,
∆C/C =
× 100 (%)
(Cmax – Cmin)
Cmin
2. For SFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip
part is considered as unquestioned. Please kindly consider soldering nature.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVC316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
HVL375CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV650KPVariable Capacitance Diode for Digital audio 1 2 3 4 5 Renesas Technology Corp
HVD372BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD380BVariable Capacitance Diode for VCO 1 2 3 4 5 Hitachi Semiconductor
HVD380BVariable Capacitance Diode for VCO 1 2 3 4 5 MoreRenesas Technology Corp
HVU362Variable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVU351Variable Capacitance Diode for VCO 1 2 3 Hitachi Semiconductor
HVL355CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
NUP4304MR6Low Capacitance Diode Array for ESD Protection in Four Data Lines 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn