Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB70NF03L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB70NF03L
Description  N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NF03L Datasheet(HTML) 3 Page - STMicroelectronics

  STB70NF03L_06 Datasheet HTML 1Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 2Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 3Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 4Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 5Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 6Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 7Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 8Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STB70NF03L - STP70NF03L - STB70NF03L-1
Electrical ratings
3/15
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20kΩ)30
V
VGS
Gate- source voltage
± 18
V
ID
Drain current (continuous) at TC = 25°C
70
A
ID
Drain current (continuous) at TC = 100°C
50
A
IDM
(1)
1.
Current limited by the package
Drain current (pulsed)
280
A
PTOT
Total dissipation at TC = 25°C
100
W
Derating factor
0.67
W/°C
dv/dt (2)
2.
ISD ≤70A, di/dt ≤350A/µs, VDD ≤V(BR)DSS, TJ ≤TJMAX
Peak diode recovery voltage slope
5.5
V/ns
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 35A, VDD = 25V
Single pulse avalanche energy
500
mJ
Tstg
Storage temperature
-55 to 175
°C
TJ
Operating junction temperature
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
1.5
°C/W
RthJA
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C


Similar Part No. - STB70NF03L_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
255Kb / 9P
   N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
More results

Similar Description - STB70NF03L_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
   N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NFS03L STMICROELECTRONICS-STB70NFS03L_06 Datasheet
290Kb / 13P
   N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
   N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
   N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com