Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32-16MI Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATMEGA32-16MI
Description  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16MI Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATMEGA32-16MI Datasheet HTML 39Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 40Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 41Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 42Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 43Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 44Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 45Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 46Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 347 page
background image
43
ATmega32(L)
2503J–AVR–10/06
The following code example shows one assembly and one C function for turning off the
WDT. The example assumes that interrupts are controlled (for example by disabling
interrupts globally) so that no interrupts will occur during execution of these functions.
Assembly Code Example
WDT_off:
; reset WDT
wdr
; Write logical one to WDTOE and WDE
in
r16, WDTCR
ori
r16, (1<<WDTOE)|(1<<WDE)
out
WDTCR, r16
; Turn off WDT
ldi
r16, (0<<WDE)
out
WDTCR, r16
ret
C Code Example
void
WDT_off(void)
{
/* reset WDT */
_WDR();
/* Write logical one to WDTOE and WDE */
WDTCR |= (1<<WDTOE) | (1<<WDE);
/* Turn off WDT */
WDTCR = 0x00;
}


Similar Part No. - ATMEGA32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32-16MI ATMEL-ATMEGA32-16MI Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com