Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32-16MI Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATMEGA32-16MI
Description  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16MI Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATMEGA32-16MI Datasheet HTML 70Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 71Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 72Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 73Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 74Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 75Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 76Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 77Page - ATMEL Corporation ATMEGA32-16MI Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 347 page
background image
74
ATmega32(L)
2503J–AVR–10/06
Normal Mode
The simplest mode of operation is the normal mode (WGM01:0 = 0). In this mode the
counting direction is always up (incrementing), and no counter clear is performed. The
counter simply overruns when it passes its maximum 8-bit value (TOP = 0xFF) and then
restarts from the bottom (0x00). In normal operation the Timer/Counter Overflow Flag
(TOV0) will be set in the same timer clock cycle as the TCNT0 becomes zero. The TOV0
Flag in this case behaves like a ninth bit, except that it is only set, not cleared. However,
combined with the timer overflow interrupt that automatically clears the TOV0 Flag, the
timer resolution can be increased by software. There are no special cases to consider in
the normal mode, a new counter value can be written anytime.
The output compare unit can be used to generate interrupts at some given time. Using
the output compare to generate waveforms in Normal mode is not recommended, since
this will occupy too much of the CPU time.
Clear Timer on Compare
Match (CTC) Mode
In Clear Timer on Compare or CTC mode (WGM01:0 = 2), the OCR0 Register is used to
manipulate the counter resolution. In CTC mode the counter is cleared to zero when the
counter value (TCNT0) matches the OCR0. The OCR0 defines the top value for the
counter, hence also its resolution. This mode allows greater control of the compare
match output frequency. It also simplifies the operation of counting external events.
The timing diagram for the CTC mode is shown in Figure 31. The counter value
(TCNT0) increases until a compare match occurs between TCNT0 and OCR0, and then
counter (TCNT0) is cleared.
Figure 31. CTC Mode, Timing Diagram
An interrupt can be generated each time the counter value reaches the TOP value by
using the OCF0 Flag. If the interrupt is enabled, the interrupt handler routine can be
used for updating the TOP value. However, changing TOP to a value close to BOTTOM
when the counter is running with none or a low prescaler value must be done with care
since the CTC mode does not have the double buffering feature. If the new value written
to OCR0 is lower than the current value of TCNT0, the counter will miss the compare
match. The counter will then have to count to its maximum value (0xFF) and wrap
around starting at 0x00 before the compare match can occur.
For generating a waveform output in CTC mode, the OC0 output can be set to toggle its
logical level on each compare match by setting the Compare Output mode bits to toggle
mode (COM01:0 = 1). The OC0 value will not be visible on the port pin unless the data
direction for the pin is set to output. The waveform generated will have a maximum fre-
TCNTn
OCn
(Toggle)
OCn Interrupt Flag Set
1
4
Period
2
3
(COMn1:0 = 1)


Similar Part No. - ATMEGA32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32-16MI ATMEL-ATMEGA32-16MI Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com