Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATMEGA32
Description  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATMEGA32_06 Datasheet HTML 87Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 88Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 89Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 90Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 91Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 92Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 93Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 94Page - ATMEL Corporation ATMEGA32_06 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 347 page
background image
91
ATmega32(L)
2503J–AVR–10/06
The following code examples show how to do an atomic write of the TCNT1 Register
contents. Writing any of the OCR1A/B or ICR1 Registers can be done by using the
same principle.
Note:
1. See “About Code Examples” on page 7.
The assembly code example requires that the r17:r16 register pair contains the value to
be written to TCNT1.
Reusing the Temporary High
Byte Register
If writing to more than one 16-bit register where the high byte is the same for all registers
written, then the high byte only needs to be written once. However, note that the same
rule of atomic operation described previously also applies in this case.
Timer/Counter Clock
Sources
The Timer/Counter can be clocked by an internal or an external clock source. The clock
source is selected by the Clock Select logic which is controlled by the Clock Select
(CS12:0) bits located in the Timer/Counter Control Register B (TCCR1B). For details on
clock sources and prescaler, see “Timer/Counter0 and Timer/Counter1 Prescalers” on
page 84.
Counter Unit
The main part of the 16-bit Timer/Counter is the programmable 16-bit bi-directional
counter unit. Figure 41 shows a block diagram of the counter and its surroundings.
Assembly Code Example
(1)
TIM16_WriteTCNT1:
; Save global interrupt flag
in
r18,SREG
; Disable interrupts
cli
; Set TCNT1 to r17:r16
out
TCNT1H,r17
out
TCNT1L,r16
; Restore global interrupt flag
out
SREG,r18
ret
C Code Example(1)
void
TIM16_WriteTCNT1 ( unsigned int i )
{
unsigned char
sreg;
unsigned int
i;
/* Save global interrupt flag */
sreg = SREG;
/* Disable interrupts */
_CLI();
/* Set TCNT1 to i */
TCNT1 = i;
/* Restore global interrupt flag */
SREG = sreg;
}


Similar Part No. - ATMEGA32_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3250 ATMEL-ATMEGA3250 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA3250 ATMEL-ATMEGA3250 Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA3250 ATMEL-ATMEGA3250 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATmega3250 ATMEL-ATmega3250 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA3250 ATMEL-ATMEGA3250 Datasheet
6Mb / 362P
   High Endurance Non-volatile Memory Segments
More results

Similar Description - ATMEGA32_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com