Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4040ANSRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LV4040ANSRE4
Description  12-BIT ASYNCHRONOUS BINARY COUNTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4040ANSRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV4040ANSRE4 Datasheet HTML 2Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 3Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 4Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 5Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 6Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 7Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 8Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 9Page - Texas Instruments SN74LV4040ANSRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN54LV4040A, SN74LV4040A
12BIT ASYNCHRONOUS BINARY COUNTERS
SCES226I − APRIL 1999 − REVISED MAY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV4040A
SN74LV4040A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
75*
160*
75*
75
MHz
fmax
CL = 50 pF
55
130
50
50
MHz
tPLH
CLK
QA
CL = 15 pF
6.1*
11.9*
1*
14*
1
14
ns
tPHL
CLK
QA
CL = 15 pF
6.1*
11.9*
1*
14*
1
14
ns
tPHL
CLR
Any Q
CL = 15 pF
7.1*
12.8*
1*
15*
1
15
ns
tPLH
CLK
QA
CL = 50 pF
7.5
15.4
1
17.5
1
17.5
ns
tPHL
CLK
QA
CL = 50 pF
7.5
15.4
1
17.5
1
17.5
ns
tPHL
CLR
Any Q
CL = 50 pF
9
16.3
1
18.5
1
18.5
ns
∆tpd
Qn
Qn+1
CL = 50 pF
1.2
4.4
5
5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV4040A
SN74LV4040A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
150*
235*
125*
125
MHz
fmax
CL = 50 pF
95
185
80
80
MHz
tPLH
CLK
QA
CL = 15 pF
4.2*
7.3*
1*
8.5*
1
8.5
ns
tPHL
CLK
QA
CL = 15 pF
4.2*
7.3*
1*
8.5*
1
8.5
ns
tPHL
CLR
Any Q
CL = 15 pF
5.3*
8.6*
1*
10*
1
10
ns
tPLH
CLK
QA
CL = 50 pF
5.3
9.3
1
10.5
1
10.5
ns
tPHL
CLK
QA
CL = 50 pF
5.3
9.3
1
10.5
1
10.5
ns
tPHL
CLR
Any Q
CL = 50 pF
6.8
10.6
1
12
1
12
ns
∆tpd
Qn
Qn+1
CL = 50 pF
0.8
3.1
3.5
3.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6)
PARAMETER
SN74LV4040A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.5
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.5
−0.8
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 6: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
11.9
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
13.1
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV4040ANSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4040ANSRE4 TI-SN74LV4040ANSRE4 Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040ANSRE4 TI-SN74LV4040ANSRE4 Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BIARY COUNTERS
More results

Similar Description - SN74LV4040ANSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040_07 Datasheet
752Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040 Datasheet
601Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A-EP TI1-SN74LV4040A-EP Datasheet
538Kb / 12P
[Old version datasheet]   12 BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_07 Datasheet
682Kb / 18P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN74HC4060 TI-SN74HC4060 Datasheet
406Kb / 13P
[Old version datasheet]   12-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com