Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPEAR-09-H022 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPEAR-09-H022
Description  SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H022 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPEAR-09-H022_06 Datasheet HTML 11Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 12Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 13Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 14Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 15Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 16Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 17Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 18Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
SPEAR-09-H022
Block diagram
15/71
4
Block diagram
Figure 1.
Block diagram
200K eASIC™ gates
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
3 UARTs
ADC
8 bits,
16 channels
I²C
6 GP I/Os
Dithered
System
Clock
WdT
4 GPTs
Real
Time
Clock
Programmable
Interface
gDMA0
gDMA1
AHB Bus Matrix
Multi-Port
Memory
CTRL
SPI
for
ROM, Flash
ARM926EJ-S
USB 2.0
Host
+
PHY
USB 2.0
Host
+
PHY
USB 2.0
Device
+
PHY
Ethernet
MAC
L
O
W
S
P
E
E
D
C
O
N
N
E
C
T
I
V
I
T
Y
H
I
G
H
S
P
E
E
D
C
O
N
N
E
C
T
I
V
I
T
Y
M E M O R Y
I N T E R F A C E S
C U S T O M E R
I / O s
Bus
Bridge
VIC
A
H
B
B
u
s
A
P
B
B
u
s
200K eASIC™ gates
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
4 KB
SRAM
3 UARTs
ADC
8 bits,
16 channels
I²C
6 GP I/Os
Dithered
System
Clock
WdT
4 GPTs
Real
Time
Clock
Programmable
Interface
gDMA0
gDMA1
AHB Bus Matrix
Multi-Port
Memory
CTRL
SPI
for
ROM, Flash
ARM926EJ-S
USB 2.0
Host
+
PHY
USB 2.0
Host
+
PHY
USB 2.0
Device
+
PHY
Ethernet
MAC
L
O
W
S
P
E
E
D
C
O
N
N
E
C
T
I
V
I
T
Y
H
I
G
H
S
P
E
E
D
C
O
N
N
E
C
T
I
V
I
T
Y
M E M O R Y
I N T E R F A C E S
C U S T O M E R
I / O s
Bus
Bridge
VIC
A
H
B
B
u
s
A
P
B
B
u
s
Master
Slave
Processor Bus Layer
Non Processor AHB Layer
AHB
APB
Master
Slave
Processor Bus Layer
Non Processor AHB Layer
AHB
AHB
APB
APB


Similar Part No. - SPEAR-09-H022_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
More results

Similar Description - SPEAR-09-H022_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
   SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
   SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
UM0851 STMICROELECTRONICS-UM0851 Datasheet
3Mb / 245P
   SPEAr is a family of highly customizable ARM-based embedded
logo
List of Unclassifed Man...
CXT32SI10 ETC2-CXT32SI10 Datasheet
352Kb / 7P
   Embedded Serial-IP SOC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
   Hi3516D Professional HD IP Camera SoC
2014-12-22
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
STMicroelectronics
SPEAR-09-H122 STMICROELECTRONICS-SPEAR-09-H122_08 Datasheet
327Kb / 40P
   SPEAr??Head600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com