Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPEAR-09-H022 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPEAR-09-H022
Description  SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H022 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPEAR-09-H022_06 Datasheet HTML 55Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 56Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 57Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 58Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 59Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 60Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 61Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 62Page - STMicroelectronics SPEAR-09-H022_06 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
SPEAR-09-H022
ADC
59/71
20
ADC
20.1
Overview
The ADC integrated in SPEAr Head200 is the ST-ADC8MUX16 and it is connected to APB
Bus. It is a successive approximation ADC and its main features are:
8 bit resolutions
230 Ksps
16 analog input channels (0 - 3.3 V)
INL ± 1 LSB
DNL ± 0.5 LSB
Programmable conversion speed - minimum conversion time 4.3 µs
For any ADC input channel the number of collected samples for the average can be 1 or 2's
power, up to 128.
Positive and negative reference voltages are supply by dedicated pins:
positive
→ VREFP_adc pin
negative
→ VREFN_adc pin
20.2
Functional description
Conversion starts when enabling bit is set to 1; as it finishes, an interrupt signal is generated
(a bit of conversion ready is set to 1). At this point the reading of the data could begin and
when it finishes, conversion ready and the enabling bits becomes 0.
The signals accessible off-chip are listed in Table 15 External pins of ADC macro.
Table 15.
External pins of ADC macro
SIGNAL
DIRECTION
DESCRIPTION
AID[15:0]
Input
Analog channels


Similar Part No. - SPEAR-09-H022_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
More results

Similar Description - SPEAR-09-H022_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
   SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
   SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
UM0851 STMICROELECTRONICS-UM0851 Datasheet
3Mb / 245P
   SPEAr is a family of highly customizable ARM-based embedded
logo
List of Unclassifed Man...
CXT32SI10 ETC2-CXT32SI10 Datasheet
352Kb / 7P
   Embedded Serial-IP SOC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
   Hi3516D Professional HD IP Camera SoC
2014-12-22
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
STMicroelectronics
SPEAR-09-H122 STMICROELECTRONICS-SPEAR-09-H122_08 Datasheet
327Kb / 40P
   SPEAr??Head600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com