Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV4040A Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN54LV4040A
Description  12-BIT ASYNCHRONOUS BINARY COUNTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV4040A Datasheet(HTML) 4 Page - Texas Instruments

  SN54LV4040A_07 Datasheet HTML 1Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 2Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 3Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 4Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 5Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 6Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 7Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 8Page - Texas Instruments SN54LV4040A_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN54LV4040A, SN74LV4040A
12BIT ASYNCHRONOUS BINARY COUNTERS
SCES226I − APRIL 1999 − REVISED MAY 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
SN54LV4040A
SN74LV4040A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.7
VCC × 0.7
V
VIH
High-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.7
VCC × 0.7
V
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC × 0.7
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC × 0.3
V
VIL
Low-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.3
VCC × 0.3
V
VCC = 4.5 V to 5.5 V
VCC × 0.3
VCC × 0.3
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
−50
−50
µA
IOH
High-level output current
VCC = 2.3 V to 2.7 V
−2
−2
IOH
High-level output current
VCC = 3 V to 3.6 V
−6
−6
mA
VCC = 4.5 V to 5.5 V
−12
−12
mA
VCC = 2 V
50
50
µA
IOL
Low-level output current
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
6
mA
VCC = 4.5 V to 5.5 V
12
12
mA
VCC = 2.3 V to 2.7 V
200
200
∆t/∆v
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 4.5 V to 5.5 V
20
20
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LV4040A
SN74LV4040A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V to 5.5 V
VCC − 0.1
VCC − 0.1
VOH
IOH = −2 mA
2.3 V
2
2
V
VOH
IOH = −6 mA
3 V
2.48
2.48
V
IOH = −12 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
VOL
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 6 mA
3 V
0.44
0.44
V
IOL = 12 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
µA
Ci
VI = VCC or GND
3.3 V
1.9
1.9
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn