Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB88162 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB88162
Description  Spread Spectrum Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88162 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MB88162
3
■ I/O CIRCUIT TYPE
(Continued)
Pin
Circuit type
Remarks
OE
• With pull-up resistor
The value of pull-up resistor is
switched by the input level of OE
signal.
800 k
Ω at OE= “L” (Typ)
22 k
Ω at OE= “H” (Typ)
• CMOS hysteresis input
S0,
S1,
SPRD
• With pull-up resistor 50 k
Ω (Typ)
• CMOS hysteresis input
• Pull-up resistor is disconnected at
OE= “L”, and internal signal is fixed
to “L”.
MLTP
• With pull-down resistor 50 k
Ω (Typ)
• CMOS hysteresis input
• Pull-down resistor is disconnected
at OE= “L”, and internal signal is
fixed to “L”.
OUT
• CMOS output
•IOL = 8.0 mA
• Hi-Z output at OE
= “L”
800 k
22 k
OE signal
Note : At OE=“L”
22k
Ω Pull Up cut
50 k
OE signal
Note : At OE=“L”
Pull Up cut
50 k
OE signal
Note : At OE=“L”
Pull Down cut
OE signal
Note : At OE=“L”
Hi-Z output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88161Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
FS781Low EMI Spectrum Spread Clock 1 2 3 4 5 MoreCypress Semiconductor
AD9516-014-Channel Clock Generator with Integrated 2.8 GHz VCO 1 2 Analog Devices
FS6131-01Programmable Line Lock Clock Generator IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
W83195BR-118Clock Generator 1 2 3 4 5 MoreWinbond
SY89312V3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1 2 3 4 5 MoreMicrel Semiconductor
W210HSpread Spectrum FTG for VIA K7 Chipset 1 2 3 4 5 MoreCypress Semiconductor
UPB8284ACLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn