Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB88162 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part No. MB88162
Description  Spread Spectrum Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88162 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MB88162
6
■ BLOCK DIAGRAM
VDD
OUT
VSS
Rf
= 500 kΩ
4 pF
OE
XOUT
XIN
MLTP
SPRD
S0
S1
4 pF
1
M
1
N
1
L
IDAC
ICO
Phase
compare
Charge
pump
V/I
conversion
Modulation logic
Modulation
clock output
Output enable
Modulation type setting
Modulation rate setting
Reference
clock
PLL block
Reference clock
Modulation
rate setting
S0, S1
Loop filter
Modulation clock
output
MB88162 PLL block
A glitchless IDAC (current output D/A converter) provides precise modulation,
thereby dramatically reducing EMI.
Power
Down
Power
Down
Multiplication rate setting
Hi-Z
control
Modulation rate setting


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88161Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
FS781Low EMI Spectrum Spread Clock 1 2 3 4 5 MoreCypress Semiconductor
AD9516-014-Channel Clock Generator with Integrated 2.8 GHz VCO 1 2 Analog Devices
FS6131-01Programmable Line Lock Clock Generator IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
W83195BR-118Clock Generator 1 2 3 4 5 MoreWinbond
SY89312V3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1 2 3 4 5 MoreMicrel Semiconductor
W210HSpread Spectrum FTG for VIA K7 Chipset 1 2 3 4 5 MoreCypress Semiconductor
UPB8284ACLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn