Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2301SPbF Datasheet(PDF) 11 Page - International Rectifier

Part # IR2301SPbF
Description  HIGH AND LOW SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301SPbF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2301SPbF Datasheet HTML 7Page - International Rectifier IR2301SPbF Datasheet HTML 8Page - International Rectifier IR2301SPbF Datasheet HTML 9Page - International Rectifier IR2301SPbF Datasheet HTML 10Page - International Rectifier IR2301SPbF Datasheet HTML 11Page - International Rectifier IR2301SPbF Datasheet HTML 12Page - International Rectifier IR2301SPbF Datasheet HTML 13Page - International Rectifier IR2301SPbF Datasheet HTML 14Page - International Rectifier IR2301SPbF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
IR2301(S) & (PbF)
www.irf.com
11
0
100
200
300
400
-50
-25
0
25
50
75
100
125
Temperature (oC)
Mi
n.
Typ.
Max.
0
100
200
300
400
510
15
20
V
CC Supply Voltage (V)
Typ.
Max.
Mi
n.
0
10
20
30
40
50
60
-50
-25
0
255075
100
125
Temperature (oC)
Typ.
Max.
Figure 14A. Quiescent VCC Supply Current
vs. Temperature
Figure 14B. Quiescent VCC Supply Current
vs. VCC Supply Voltage
Figure 15A. Logic “1” Input Bias Current
vs. Temperature
Figure 15B. Logic “1” Input Bias Current
vs. Supply Volta
ge
0
10
20
30
40
50
510
15
20
Supply Voltage (V)
Typ.
Max.


Similar Part No. - IR2301SPbF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2301S INFINEON-IR2301S Datasheet
193Kb / 18P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60201 Rev.D
More results

Similar Description - IR2301SPbF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com