Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2640EUT-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2640EUT-T
Description  400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2640EUT-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2640EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX2640EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX2640EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2640EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2640EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2640EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2640EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2640EUT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
400MHz to 2500MHz SiGe
Ultra-Low-Noise Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND .............................................................-0.3V to +6V
RFIN Power (50
Ω source) (Note 1) ..................................+5dBm
Continuous Power Dissipation (TA = +70°C)
SOT23-6 (derate 8.7mW/°C above +70°C)..................696mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
TA = +25°C
CONDITIONS
mA
3.5
4.7
V
2.7
5.5
Operating Supply Voltage
Operating Supply Current
UNITS
MIN
TYP
MAX
PARAMETER
(Note 6)
(Note 5)
(Note 4)
TA = TMIN to TMAX
TA = TMIN to TMAX
(Note 4)
CONDITIONS
dBm
-4
Input Third-Order Intercept Point
dBm
-21
Input 1dB Gain Compression Point
dB
30
Reverse Isolation
dB
-12
Output Return Loss
dB
-12
Input Return Loss
dB
1.3
1.5
Noise Figure
dB
0.9
2.4
Gain Variation Over Temperature
dB
12.4
14.4
Gain
MHz
1400
2500
RFIN Frequency Range
dB
12.8
15.1
Gain
MHz
400
1500
RFIN Frequency Range
dBm
-10
Input Third-Order Intercept Point
dBm
-22
Input 1dB Gain Compression Point
dB
40
Reverse Isolation
dB
0.6
1.7
Gain Variation Over Temperature
dB
0.9
1.1
Noise Figure
dB
-11
Input Return Loss
dB
-14
Output Return Loss
UNITS
MIN
TYP
MAX
PARAMETER
RF ELECTRICAL CHARACTERISTICS
(VCC = +3.0V, PRFIN = -34dBm, ZO = 50
Ω, TA = +25°C, unless otherwise noted.) (Notes 2 and 3)
MAX2640 (fRFIN = 900MHz)
MAX2641 (fRFIN = 1900MHz)
Note 1: Pin must be AC-coupled with a DC blocking capacitor.
TA = -40°C to +85°C
6.4
CAUTION! ESD SENSITIVE DEVICE


Similar Part No. - MAX2640EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640EUT-T MAXIM-MAX2640EUT-T Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640EUT-T MAXIM-MAX2640EUT-T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640EUT-T MAXIM-MAX2640EUT-T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
More results

Similar Description - MAX2640EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680EUT MAXIM-MAX2680EUT Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
   Wideband Amplifiers 10 to 2500MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com