Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2641 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2641
Description  400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2641 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2641 Datasheet HTML 1Page - Maxim Integrated Products MAX2641 Datasheet HTML 2Page - Maxim Integrated Products MAX2641 Datasheet HTML 3Page - Maxim Integrated Products MAX2641 Datasheet HTML 4Page - Maxim Integrated Products MAX2641 Datasheet HTML 5Page - Maxim Integrated Products MAX2641 Datasheet HTML 6Page - Maxim Integrated Products MAX2641 Datasheet HTML 7Page - Maxim Integrated Products MAX2641 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
400MHz to 2500MHz SiGe
Ultra-Low-Noise Amplifiers
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3V, PRFIN = -34dBm, Typical Operating Circuits, TA = +25°C, unless otherwise noted.)
-60
-30
-40
-50
-20
-10
0
1800
1880
1840
1920
1960
2000
MAX2641 MATCHED AT 1900MHz
REVERSE ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
-16
-13
-14
-15
-12
-11
-10
-9
-8
-7
-6
1800
1850
1900
1950
2000
MAX2641 MATCHED AT 1900MHz
INPUT RETURN LOSS AND
OUTPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
INPUT RETURN LOSS
OUTPUT RETURN LOSS
-16
-13
-14
-15
-12
-11
-10
-9
-8
-7
-6
800
850
900
950
1000
MAX2640 MATCHED AT 900MHz
INPUT RETURN LOSS AND
OUTPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
INPUT RETURN LOSS
OUTPUT RETURN LOSS
12
13
15
14
16
1800
1840
1880
1920
1960
2000
MAX2641 MATCHED AT 1900MHz
GAIN vs. FREQUENCY
FREQUENCY (MHz)
TA = -40°C
TA = +25°C
TA = +85°C
-60
-30
-40
-50
-20
-10
0
800
880
840
920
960
1000
MAX2640 MATCHED AT 900MHz
REVERSE ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
0
2
1
4
3
5
6
24
35
6
MAX2641
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
TA = +85°C
TA = +25°C
TA = -40°C
0
1
2
3
1800
1880
1840
1920
1960
2000
MAX2641 MATCHED AT 1900MHz
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = -40°C


Similar Part No. - MAX2641

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2641 MAXIM-MAX2641 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2641EUT+T MAXIM-MAX2641EUT+T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2641EUT-T MAXIM-MAX2641EUT-T Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2641EUT-T MAXIM-MAX2641EUT-T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2641EUT-T MAXIM-MAX2641EUT-T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
More results

Similar Description - MAX2641

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680EUT MAXIM-MAX2680EUT Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
   Wideband Amplifiers 10 to 2500MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com