Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61048FP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M61048FP
Description  Battery Protection Analog Front End (AFE) IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61048FP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M61048FP Datasheet HTML 16Page - Renesas Technology Corp M61048FP Datasheet HTML 17Page - Renesas Technology Corp M61048FP Datasheet HTML 18Page - Renesas Technology Corp M61048FP Datasheet HTML 19Page - Renesas Technology Corp M61048FP Datasheet HTML 20Page - Renesas Technology Corp M61048FP Datasheet HTML 21Page - Renesas Technology Corp M61048FP Datasheet HTML 22Page - Renesas Technology Corp M61048FP Datasheet HTML 23Page - Renesas Technology Corp M61048FP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
M61048FP
Rev.1.00 Mar 04, 2005 page 23 of 23
Package Dimensions
y
Index mark
1
10
11
20
F
*3
*2
c
bp
e
D
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
Detail F
A1
A2
0.32
0.22
0.17
bp
Previous Code
JEITA Package Code
RENESAS Code
PLSP0020JB-A
20P2F-A
MASS[Typ.]
0.1g
P-LSSOP20-4.4x6.5-0.65
0.2
0.15
0.13
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
6.6
6.5
6.4
D
4.5
4.4
4.3
E
1.15
A2
6.6
6.4
6.2
1.45
A
0.2
0.1
0
0.7
0.5
0.3
L
10
°
0
°
c
0.65
e
0.10
y
HE
A1
0.53
0.77


Similar Part No. - M61048FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61040 MITSUBISHI-M61040 Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Monolithic Power System...
M610403 MPS-M610403 Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
M610403 MPS-M610403 Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
M610403 MPS-M610403 Datasheet
708Kb / 8P
   Rotary Knob Kit for the MagAlpha
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
More results

Similar Description - M61048FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
ON Semiconductor
NCP367 ONSEMI-NCP367_15 Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
logo
Shenzhen Huazhimei Semi...
HM9519 HMSEMI-HM9519 Datasheet
3Mb / 12P
   Battery Charge Front-End Full Protection
logo
Samsung semiconductor
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
   G.Lite ADSL Analog Front End IC
logo
Texas Instruments
BQ24314C TI1-BQ24314C Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com