Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRX14 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CRX14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision, CRC Management and Anti-Clone Function
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CRX14 Datasheet(HTML) 5 Page - STMicroelectronics

  CRX14 Datasheet HTML 1Page - STMicroelectronics CRX14 Datasheet HTML 2Page - STMicroelectronics CRX14 Datasheet HTML 3Page - STMicroelectronics CRX14 Datasheet HTML 4Page - STMicroelectronics CRX14 Datasheet HTML 5Page - STMicroelectronics CRX14 Datasheet HTML 6Page - STMicroelectronics CRX14 Datasheet HTML 7Page - STMicroelectronics CRX14 Datasheet HTML 8Page - STMicroelectronics CRX14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5/40
CRX14
SUMMARY DESCRIPTION
The CRX14 is a contactless coupler that is compli-
ant with the short range ISO14443 type-B stan-
dard. It is controlled using the two wire I²C bus.
The CRX14 generates a 13.56MHz signal on an
external antenna. Transmitted data are modulated
using Amplitude Shift Keying (ASK). Received
data are demodulated from the PICC (Proximity in-
tegrated Coupling Card) load variation signal, in-
duced on the antenna, using Bit Phase Shift
Keying (BPSK) of a 847kHz sub-carrier. The
Transmitted ASK wave is 10% modulated. The
Data transfer rate between the CRX14 and the
PICC is 106 Kbit/s in both transmission and recep-
tion modes.
The CRX14 follows the ISO14443 type-B recom-
mendation for Radio frequency power and signal
interface.
The CRX14 is specifically designed for short range
applications that need disposable, or secure and
re-usable, products.
The CRX14 includes an automated anti-collision
mechanism that allows it to detect and select any
ST short range memories that are present at the
same time within its range. The anti-collision
mechanism is based on the STMicroelectronics
probabilistic scanning method.
The CRX14 provides an anti-clone function, from
FRANCE
TELECOM,
which
allows
the
authentication of the ST short range memories.
Using the CRX14 single chip coupler, therefore, it
is easy to design a reader, with authentication ca-
pability and to build an end application with a high
level of security at low cost.
The CRX14 provides a complete analog interface,
compliant
with
the
ISO14443
type-B
recommendations for Radio-Frequency power
and signal interfacing. With it, any ISO14443 type-
B PICC products can be powered and have their
data transmission controlled via a simple antenna.
The CRX14 is fabricated in STMicroelectronics
High Endurance Single Poly-silicon CMOS tech-
nology.
The CRX14 is organized as 4 different blocks (see
Figure 3.):
The I²C bus controller. It handles the serial
connection with the application host. It is
compliant with the 400kHz I²C bus
specification, and controls the read/write
access to all the CRX14 registers.
The RAM buffer. It is bi-directional. . It stores
all the request frame Bytes to be transmitted to
the PICC, and all the received Bytes sent by
the PICC on the answer frame.
The transmitter. It powers the PICCs by
generating a 13.56MHz signal on an external
antenna. The resulting field is 10% modulated
using ASK (amplitude shift keying) for
outgoing data.
The receiver. It demodulates the signal
generated on the antenna by the load variation
of the PICC. The resulting signal is decoded
by a 847kHz BPSK (binary phase shift keying)
sub-carrier decoder.
The CRX14 is designed to be connected to a digi-
tal host (Microcontroller or ASIC). This host has to
manage the entire communication protocol in both
transmit and receive modes, through the I²C serial
bus.
Figure 2. Logic Diagram
Table 1. Signal Names
RFOUT
Antenna Output Driver
RFIN
Antenna Input Filter
OSC1
Oscillator Input
OSC2
Oscillator Output
E0, E1, E2
Chip Enable Inputs
SDA
I²C Bi-Directional Data
SCL
I²C Clock
VCC
Power Supply
GND
Ground
VREF
Transmitter Reference Voltage
GND_RF
Ground for RF circuitry
AI06828B
RFOUT
CRX14
RFIN
OSC1
SCL
SDA
E0
E1
E2
GND
GND_RF
VCC
VREF
Antenna
OSC2


Similar Part No. - CRX14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14 Datasheet
32Kb / 4P
   Low Cost 13.56MHz / I짼C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
June 2002
CRX14-MQ/XX STMICROELECTRONICS-CRX14-MQ/XX Datasheet
32Kb / 4P
   Low Cost 13.56MHz / I짼C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
June 2002
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
More results

Similar Description - CRX14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
CR14 STMICROELECTRONICS-CR14 Datasheet
349Kb / 46P
   Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
CR14 STMICROELECTRONICS-CR14_10 Datasheet
406Kb / 47P
   ISO14443 type-B contactless coupler chip with anti-collision and CRC management
CRX14 STMICROELECTRONICS-CRX14 Datasheet
32Kb / 4P
   Low Cost 13.56MHz / I짼C Short Range Contactless Coupler Chip with anti-collision, CRC management and anti-clone function
June 2002
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
   13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
SRIX4K STMICROELECTRONICS-SRIX4K_07 Datasheet
482Kb / 50P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
SRIX4K STMICROELECTRONICS-SRIX4K_08 Datasheet
401Kb / 47P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
logo
ATMEL Corporation
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
logo
STMicroelectronics
SRIX4K STMICROELECTRONICS-SRIX4K_11 Datasheet
347Kb / 48P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com