Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC8560 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. DAC8560
Description  16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/°C Internal Reference
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

DAC8560 Datasheet(HTML) 3 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8560
SLAS464 – DECEMBER 2006
V
DD = 2.7V to 5.5V, –40°C to +105°C range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
DAC8560A, DAC8560C
±4
±12
LSB
Measured by line passing
Relative accuracy
through codes 485 and 64714
DAC8560B, DAC8560D
±4
±8
LSB
Differential nonlinearity
16-bit Monotonic
±0.5
±1
LSB
Zero-code error
±5
±12
mV
Full-scale error
Measured by line passing through codes 485 and 64714.
±0.2
±0.5
% of FSR
Gain error
±0.05
±0.2
% of FSR
Zero-code error drift
±20
µV/°C
VDD = 5V
±1
Gain temperature coefficient
ppm of FSR/
°C
VDD = 2.7V
±3
PSRR
Power supply rejection ratio
Output unloaded
1
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VREF
V
To
±0.003% FSR, 0200h to FD00h, R
L = 2kΩ,
8
10
0pF < CL < 200pF
Output voltage settling time
µs
RL = 2kΩ, CL = 500pF
12
Slew rate
1.8
V/
µs
RL = ∞
470
pF
Capacitive load stability
RL = 2kΩ
1000
Code change glitch impulse
1LSB change around major carry
0.15
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.15
nV-s
DC output impedance
At mid-code input
1
VDD = 5V
50
Short-circuit current
mA
VDD = 3V
20
Coming out of power-down mode VDD = 5V
2.5
Power-up time
µs
Coming out of power-down mode VDD = 3V
5
AC PERFORMANCE(2)
SNR
88
dB
THD
–77
dB
TA = +25°C, BW = 20kHz, VDD = 5V, fOUT = 1kHz,
1st 19 harmonics removed for SNR calculation
SFDR
79
dB
SINAD
77
dB
DAC output noise density
TA = +25°C, at mid-code input, fOUT = 1kHz
170
nV/
√Hz
DAC output noise
TA = +25°C, at mid-code input, 0.1Hz to 10Hz
50
µV
PP
(1)
Linearity calculated using a reduced code range of 485 to 64714; output unloaded.
(2)
Ensured by design and characterization, not production tested.
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn