Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8435 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. A8435
Description  High Efficiency Charge Pump White LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A8435 Datasheet(HTML) 6 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
High Efficiency Charge Pump White LED Driver
A8435
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
t
t
VEN
t
Startup Response
2-Bit (EN1-EN2) Dimming Response
11-Level Single-Wire Serial Dimming
Response
IBATT
VOUT
IOUT
VEN
VEN1
IOUT
VOUT
Symbol
Parameter Units/Division
C1
VEN
5 V
C2
IBATT
50 mA
C3
VOUT
2 V
t
time
500 μs
C2
C3
C1
Symbol
Parameter Units/Division
C1
VEN1
2 V
C2
IOUT
50 mA
C3
VOUT
2 V
t
time
10 ms
Conditions
EN2 = CTRL = GND, apply control
signal to EN1
C2
C1
C2
C1
C3
Symbol
Parameter Units/Division
C1
VEN1
2 V
C2
IOUT
50 mA
t
time
5 μs
Conditions
EN2 = VIN


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn