Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9218-MT-E2 Datasheet(PDF) 24 Page - SMSC Corporation

Part # LAN9218-MT-E2
Description  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218-MT-E2 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button LAN9218-MT-E2 Datasheet HTML 20Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 21Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 22Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 23Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 24Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 25Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 26Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 27Page - SMSC Corporation LAN9218-MT-E2 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.5 (07-18-06)
24
SMSC LAN9218
DATASHEET
3.4
Filtering Modes
3.4.1
Perfect Filtering
This filtering mode passes only incoming frames whose destination address field exactly matches the
value programmed into the MAC Address High register and the MAC address low register. The MAC
address is formed by the concatenation of the above two registers in the MAC CSR Function.
3.4.2
Hash Only Filtering
This type of filtering checks for incoming Receive packets with either multicast or physical destination
addresses, and executes an imperfect address filtering against the hash table.
During imperfect hash filtering, the destination address in the incoming frame is passed through the
CRC logic and the upper six bits of the CRC register are used to index the contents of the hash table.
The hash table is formed by merging the register’s multicast hash table high and multicast hash table
low in the MAC CSR Function to form a 64-bit hash table. The most significant bit determines the
register to be used (High/Low), while the other five bits determine the bit within the register. A value
of 00000 selects Bit 0 of the multicast hash table low register and a value of 11111 selects Bit 31 of
the multicast hash table high register.
3.4.2.1
Hash Perfect Filtering
In hash perfect filtering, if the received frame is a physical address, the LAN9218 Packet Filter block
perfect-filters the incoming frame’s destination field with the value programmed into the MAC Address
High register and the MAC Address Low register. If the incoming frame is a multicast frame, however,
the LAN9218 packet filter function performs an imperfect address filtering against the hash table.
The imperfect filtering against the hash table is the same imperfect filtering process described in the
“Hash Only Filtering” section above.
3.4.2.2
Inverse Filtering
In inverse filtering, the Packet Filter Block accepts incoming frames with a destination address not
matching the perfect address (i.e., the value programmed into the MAC Address High register and the
MAC Address Low register in the CRC block and rejects frames with destination addresses matching
the perfect address.
For all filtering modes, when MCPAS is set, all multicast frames are accepted. When the PRMS bit is
set, all frames are accepted regardless of their destination address. This includes all broadcast frames
as well.
0
0
0
1
1
Hash Filtering for physical and
multicast addresses
0
0
1
0
0
Inverse Filtering
X
1
0
X
X
Promiscuous
1
0
0
0
X
Pass all multicast frames. Frames
with physical addresses are
perfect-filtered
1
0
0
1
1
Pass all multicast frames. Frames
with physical addresses are hash-
filtered
Table 3.1 Address Filtering Modes (continued)
MCPAS
PRMS
INVFILT
HO
HPFILT
DESCRIPTION


Similar Part No. - LAN9218-MT-E2

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
More results

Similar Description - LAN9218-MT-E2

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
LAN9218I SMSC-LAN9218I_07 Datasheet
1Mb / 133P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9218I SMSC-LAN9218I_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com