Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9218 Datasheet(PDF) 85 Page - SMSC Corporation

Part # LAN9218
Description  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 Datasheet(HTML) 85 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 81Page - SMSC Corporation LAN9218 Datasheet HTML 82Page - SMSC Corporation LAN9218 Datasheet HTML 83Page - SMSC Corporation LAN9218 Datasheet HTML 84Page - SMSC Corporation LAN9218 Datasheet HTML 85Page - SMSC Corporation LAN9218 Datasheet HTML 86Page - SMSC Corporation LAN9218 Datasheet HTML 87Page - SMSC Corporation LAN9218 Datasheet HTML 88Page - SMSC Corporation LAN9218 Datasheet HTML 89Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC LAN9218
85
Revision 1.5 (07-18-06)
DATASHEET
5.3.16
GPT_CNT-General Purpose Timer Current Count Register
This register reflects the current value of the GP Timer.
5.3.17
WORD SWAP—Word Swap Control
This register controls how words from the host data bus are mapped to the CSRs and Data FIFOs
inside the LAN9218. The LAN9218 always sends data from the Transmit Data FIFO to the network so
that the low order word is sent first, and always receives data from the network to the Receive Data
FIFO so that the low order word is received first.
Offset:
90h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-16
Reserved
RO
-
15-0
General Purpose Timer Current Count (GPT_CNT). This 16-bit field
reflects the current value of the GP Timer.
RO
FFFFh
Offset:
98h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Word Swap. This field only has significance if the device is operated in 16-
bit mode. In 32-bit mode, D[31:15] is always mapped to the high order word
and D[15:0] is always mapped to the low order word. In 16-bit mode, if this
field is set to 00000000h, or anything except 0xFFFFFFFFh, the LAN9218
maps words with address bit A[1]=1 to the high order words of the CSRs
and Data FIFOs, and words with address bit A[1]=0 to the low order words
of the CSRs and Data FIFOs. If this field is set to 0xFFFFFFFFh, the
LAN9218 maps words with address bit A[1]=1 to the low order words of the
CSRs and Data FIFOs, and words with address bit A[1]=0 to the high order
words of the CSRs and Data FIFOs.
Note:
Please refer to Section 3.6.1, "32-bit vs. 16-bit Host Bus Width
Operation" for additional information.
R/W
NASR
00000000h


Similar Part No. - LAN9218

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
More results

Similar Description - LAN9218

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
LAN9218I SMSC-LAN9218I_07 Datasheet
1Mb / 133P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9218I SMSC-LAN9218I_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com