Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9218 Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN9218
Description  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 27Page - SMSC Corporation LAN9218 Datasheet HTML 28Page - SMSC Corporation LAN9218 Datasheet HTML 29Page - SMSC Corporation LAN9218 Datasheet HTML 30Page - SMSC Corporation LAN9218 Datasheet HTML 31Page - SMSC Corporation LAN9218 Datasheet HTML 32Page - SMSC Corporation LAN9218 Datasheet HTML 33Page - SMSC Corporation LAN9218 Datasheet HTML 34Page - SMSC Corporation LAN9218 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC LAN9218
31
Revision 1.5 (07-18-06)
DATASHEET
The host can disable the EEPROM interface through the GPIO_CFG register. When the interface is
disabled, the EEDIO and ECLK signals can be used as general-purpose outputs, or they may be used
to monitor internal MII signals.
3.10.2.1
Supported EEPROM Operations
The EEPROM controller supports the following EEPROM operations under host control via the
E2P_CMD register. The operations are commonly supported by “93C46” EEPROM devices. A
description and functional timing diagram is provided below for each operation. Please refer to the
E2P_CMD register description in Section 5.3.23, "E2P_CMD – EEPROM Command Register," on
page 90 for E2P_CMD field settings for each command.
ERASE (Erase Location): If erase/write operations are enabled in the EEPROM, this command will
erase the location selected by the EPC Address field (EPC_ADDR). The EPC_TO bit is set if the
EEPROM does not respond within 30ms.
Figure 3.2 EEPROM Access Flow Diagram
Idle
Write Data
Register
Write
Command
Register
Read
Command
Register
Busy Bit = 0
Idle
Write
Command
Register
Read
Command
Register
Read Data
Register
Busy Bit = 0
EEPROM Write
EEPROM Read


Similar Part No. - LAN9218

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218-MT SMSC-LAN9218-MT Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
More results

Similar Description - LAN9218

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
LAN9218I SMSC-LAN9218I_07 Datasheet
1Mb / 133P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9218I SMSC-LAN9218I_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com