Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR928-6C Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IR928-6C
Description  Opto Interrupter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR928-6C Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IR928-6C Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR928-6C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR928-6C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR928-6C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR928-6C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR928-6C Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 4 of 6
Device No:CDRX-096-006
Prepared date:08-08-2005
Prepared by:Denky
0
-40 -20
40
20
0
60
100
80
20
40
60
100
80
120
140
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
020
10
0
10
10
0
10
1
10
23
10 4
10
100
1000
IF-Forward Current (mA)
25
0
5
50
75
100
120
IF
=20mA
10
15
0
20
40
60
80
100
IF=20mA
Ta=25°C
25
1
1.1
1.2
1.3
50
75
100
120
IF=20mA
ITR9608
█ Typical Electrical/Optical/Characteristics Curves for IR
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.5 Relative Intensity vs.
Fig.6 Relative Radiant Intensity vs.
Forward Current
Angular Displacement
Fig.7 Relative Intensity vs.
Fig.8 Forward Current vs.
Ambient Temperature(°C)
Ambient Temperature(°C)


Similar Part No. - IR928-6C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR928-6C ETC-IR928-6C Datasheet
188Kb / 7P
   EVERLIGHTs Infrared Emitting Diode IR928-6C is a high intensity diode , molded in a water clear plastic package.
logo
Everlight Electronics C...
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
195Kb / 8P
   1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
336Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
341Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
328Kb / 7P
   Opto Interrupter
More results

Similar Description - IR928-6C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com