Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA3003D2 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPA3003D2
Description  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA3003D2_06 Datasheet HTML 1Page - Texas Instruments TPA3003D2_06 Datasheet HTML 2Page - Texas Instruments TPA3003D2_06 Datasheet HTML 3Page - Texas Instruments TPA3003D2_06 Datasheet HTML 4Page - Texas Instruments TPA3003D2_06 Datasheet HTML 5Page - Texas Instruments TPA3003D2_06 Datasheet HTML 6Page - Texas Instruments TPA3003D2_06 Datasheet HTML 7Page - Texas Instruments TPA3003D2_06 Datasheet HTML 8Page - Texas Instruments TPA3003D2_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPA3003D2
SLOS406A ? FEBRUARY 2003 ? REVISED MARCH 2003
5
www.ti.com
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)?
Supply voltage range:
AVCC, PVCC
?0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: MUTE, VREF, VOLUME, FADE
0 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SD
?0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RINN, RINP, LINN, LINP
?0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current,
AVDD
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDDREF
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
?40
C to 85C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
?40
C to 150C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
?65
C to 150C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
? Stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under ?recommended operating conditions? is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ? 25C
DERATING FACTOR
TA = 70C
TA = 85C
PFB
2.8 W
22.2 mW/
C
1.8 W
1.4 W
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, AVCC
8.5
14
V
Volume reference voltage
VREF
3.0
5.5
V
Volume control pins, input voltage
VOLUME
5.5
V
SD
2
High-level input voltage, VIH
MUTE
3.5
V
High-level input voltage, VIH
FADE
4
V
SD
0.8
Low-level input voltage, VIL
MUTE
2
V
Low-level input voltage, VIL
FADE
2
V
MUTE, VI= 5 V, VCC = 14 V
1
High-level input current, IIH
SD, VI= 14 V, VCC = 14 V
50
A
High-level input current, IIH
FADE, VI= 5 V, VCC = 14 V
150
A
Low-level input current, IIL
MUTE, SD, FADE, VI= 0 V, VCC = 14 V
1
A
Low-level input current, IIL
MUTE, SD, FADE, VI= 0 V, VCC = 14 V
1
A
Oscillator frequency, fOSC
225
275
kHz
Operating free-air temperature, TA
?40
85
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn