Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2006D1DRBT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2006D1DRBT
Description  1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2006D1DRBT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2006D1DRBT Datasheet HTML 10Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 11Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 12Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 13Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 14Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 15Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 16Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 17Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.ti.com
Summing Two Single-Ended Input Signals
Gain 1 +
V
O
V
I1
+
2 x 150 kW
R
I1
V
V
(11)
Gain 2 +
V
O
V
I2
+
2 x 150 kW
R
I2
V
V
(12)
C
I1 +
1
2p R
I1
f
c1
(13)
C
I2 +
1
2p R
I2
f
c2
(14)
C
P +
C
I1 )
C
I2
(15)
R
P +
R
I1
R
I2
R
I1 )
R
I2
(16)
_
+
IN-
IN+
PWM
H-
Bridge
VO+
VO-
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI2
RP
Filter-Free Class D
SHUTDOWN
RI1
Single-Ended
Input 2
CI2
CP
Single-Ended
Input 1
CI1
Component Location
TPA2006D1
SLOS498 – SEPTEMBER 2006
Four resistors and three capacitors are needed for summing single-ended input signals. The gain and corner
frequencies (fc1 and fc2) for each input source can be set independently (see Equation 11 through Equation 14,
and Figure 26). Resistor, RP, and capacitor, CP, are needed on the IN+ terminal to match the impedance on the
IN- terminal. The single-ended inputs must be driven by low impedance sources even if one of the inputs is not
outputting an ac signal.
Figure 26. Application Schematic With TPA2006D1 Summing Two Single-Ended Inputs
Place all the external components very close to the TPA2006D1. The input resistors need to be very close to the
TPA2006D1 input pins so noise does not couple on the high impedance nodes between the input resistors and
the input amplifier of the TPA2006D1. Placing the decoupling capacitor, CS, close to the TPA2006D1 is
important for the efficiency of the class-D amplifier. Any resistance or inductance in the trace between the device
and the capacitor can cause a loss in efficiency.
14
Submit Documentation Feedback


Similar Part No. - TPA2006D1DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1DRBT TI1-TPA2006D1DRBT Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBTG4 TI1-TPA2006D1DRBTG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
More results

Similar Description - TPA2006D1DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI-TPA2006D1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V Compatible Input Thresholds
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com