Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB20L10X Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSUSB20L10X
Description  Low-Power 1-Port High-Speed USB (480Mbps) Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20L10X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSUSB20L10X Datasheet HTML 7Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 8Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 9Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 10Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 11Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 12Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 13Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 14Page - Fairchild Semiconductor FSUSB20L10X Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB20 Rev. 1.0.2
11
Reel Dimension for MicroPak
Dimensions are in inches (millimeters) unless otherwise noted.
Tape Size
ABC
DN
W1
W2
W3
(8mm)
7.0
(177.8)
0.059
(1.50)
0.512
(13.00)
0.795
(20.20)
2.165
(55.00)
0.331 +0.059/
−0.000
(8.40 +1.50/
−0.00)
0.567
(14.40)
W1 +0.078/
−0.039
(W1 +2.00/
−1.00)


Similar Part No. - FSUSB20L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20L10X FAIRCHILD-FSUSB20L10X Datasheet
720Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB20L10X FAIRCHILD-FSUSB20L10X_12 Datasheet
703Kb / 12P
   Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
More results

Similar Description - FSUSB20L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_12 Datasheet
703Kb / 12P
   Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com