Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2000D4 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPA2000D4
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA2000D4_07 Datasheet HTML 13Page - Texas Instruments TPA2000D4_07 Datasheet HTML 14Page - Texas Instruments TPA2000D4_07 Datasheet HTML 15Page - Texas Instruments TPA2000D4_07 Datasheet HTML 16Page - Texas Instruments TPA2000D4_07 Datasheet HTML 17Page - Texas Instruments TPA2000D4_07 Datasheet HTML 18Page - Texas Instruments TPA2000D4_07 Datasheet HTML 19Page - Texas Instruments TPA2000D4_07 Datasheet HTML 20Page - Texas Instruments TPA2000D4_07 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
17
WWW.TI.COM
APPLICATION INFORMATION
effects of applying a square wave into a speaker
Audio specialists have said for years not to apply a square wave to speakers. If the amplitude of the waveform
is high enough and the frequency of the square wave is within the bandwidth of the speaker, the square wave
could cause the voice coil to jump out of the air gap and/or scar the voice coil. A 250-kHz switching frequency,
however, is not significant because the speaker cone movement is proportional to 1/f2 for frequencies beyond
the audio band. Therefore, the amount of cone movement at the switching frequency is very small. However,
damage could occur to the speaker if the voice coil is not designed to handle the additional power. To size the
speaker for added power, the ripple current dissipated in the load needs to be calculated by subtracting the
theoretical supplied power, PSUP THEORETICAL, from the actual supply power, PSUP, at maximum output power,
POUT. The switching power dissipated in the speaker is the inverse of the measured efficiency, ηMEASURED,
minus the theoretical efficiency,
ηTHEORETICAL.
(1)
PSPKR = PSUP – PSUP THEORETICAL (at max output power)
(2)
PSPKR = PSUP / POUT – PSUP THEORETICAL / POUT (at max output power)
(3)
PSPKR = 1/ηMEASURED – 1/ηTHEORETICAL (at max output power)
The maximum efficiency of the TPA2000D4 with an 8-
Ω load is 85%. Using equation 3 with the efficiency at
maximum power from Figure 2 (78%), we see that there is an additional 106 mW dissipated in the speaker. The
added power dissipated in the speaker is not an issue as long as it is taken into account when choosing the
speaker.
when to use an output filter
Design the TPA2000D4 without the filter if the traces from amplifier to speaker are short. The TPA2000D4
passed FCC and CE radiated emissions with no shielding with speaker wires 8 inches long or less. Notebook
PCs and powered speakers where the speaker is in the same enclosure as the amplifier are good applications
for class-D without a filter.
A ferrite bead filter can often be used if the design is failing radiated emissions without a filter, and the frequency
sensitive circuit is greater than 1 MHz. This is good for circuits that just have to pass FCC and CE because FCC
and CE only test radiated emissions greater than 30 MHz. If choosing a ferrite bead, choose one with high
impedance at high frequencies, but very low impedance at low frequencies.
Use an output filter if there are low frequency (< 1 MHz) EMI sensitive circuits and/or there are long leads from
amplifier to speaker.
gain setting via GAIN0 and GAIN1 inputs
The gain of the TPA2000D4 is set by two input terminals, GAIN0 and GAIN1.
The gains listed in Table 1 are realized by changing the taps on the input resistors inside the amplifier. This
causes the input impedance, ZI, to be dependent on the gain setting. The actual gain settings are controlled
by ratios of resistors, so the actual gain distribution from part-to-part is quite good. However, the input
impedance may shift by 30% due to shifts in the actual resistance of the input resistors.
For design purposes, the input network (discussed in the next section) should be designed assuming an input
impedance of 20 k
Ω, which is the absolute minimum input impedance of the TPA2000D4. At the higher gain
settings, the input impedance could increase as high as 115 k
Ω.


Similar Part No. - TPA2000D4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D4DAP TI-TPA2000D4DAP Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
More results

Similar Description - TPA2000D4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com