Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA741DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA741DRG4
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA741DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPA741DRG4 Datasheet HTML 1Page - Texas Instruments TPA741DRG4 Datasheet HTML 2Page - Texas Instruments TPA741DRG4 Datasheet HTML 3Page - Texas Instruments TPA741DRG4 Datasheet HTML 4Page - Texas Instruments TPA741DRG4 Datasheet HTML 5Page - Texas Instruments TPA741DRG4 Datasheet HTML 6Page - Texas Instruments TPA741DRG4 Datasheet HTML 7Page - Texas Instruments TPA741DRG4 Datasheet HTML 8Page - Texas Instruments TPA741DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN–
VO
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
Audio
Input
Bias
Control
VDD
700 mW
6
5
7
VO+
VDD
1
2
4
BYPASS
IN–
VDD/2
CI
RI
CS
CB
RF
SHUTDOWN
VO– 8
GND
From System Control
3
IN+
+
+
TPA741
SLOS316C – JUNE 2000 – REVISED JUNE 2004
700-mW MONO LOW-VOLTAGE AUDIO POWER
AMPLIFIER WITH DIFFERENTIAL INPUTS
Fully Specified for 3.3-V and 5-V Operation
The TPA741 is a bridge-tied load (BTL) audio power
amplifier developed especially for low-voltage appli-
Wide Power Supply Compatibility 2.5 V - 5.5 V
cations
where
internal
speakers
are
required.
Output Power for RL = 8 Ω
Operating with a 3.3-V supply, the TPA741 can
– 700 mW at VDD = 5 V
deliver 250-mW of continuous power into a BTL 8-
– 250 mW at VDD = 3.3 V
load at less than 0.6% THD+N throughout voice band
frequencies. Although this device is characterized out
Integrated Depop Circuitry
to 20 kHz, its operation is optimized for narrower
Thermal and Short-Circuit Protection
band applications such as wireless communications.
Surface-Mount Packaging
The BTL configuration eliminates the need for exter-
nal coupling capacitors on the output in most appli-
– SOIC
cations, which is particularly important for small
– PowerPAD™ MSOP
battery-powered equipment. This device features a
shutdown mode for power-sensitive applications with
a supply current of 7 µA during shutdown. The
TPA741 is available in an 8-pin SOIC surface-mount
package and the surface-mount PowerPAD™ MSOP,
which reduces board space by 50% and height by
40%.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA741DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741D TI-TPA741D Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGN TI-TPA741DGN Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA741DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com