Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2000D1PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D1PWR
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1PWR Datasheet(HTML) 5 Page - Texas Instruments

  TPA2000D1PWR Datasheet HTML 1Page - Texas Instruments TPA2000D1PWR Datasheet HTML 2Page - Texas Instruments TPA2000D1PWR Datasheet HTML 3Page - Texas Instruments TPA2000D1PWR Datasheet HTML 4Page - Texas Instruments TPA2000D1PWR Datasheet HTML 5Page - Texas Instruments TPA2000D1PWR Datasheet HTML 6Page - Texas Instruments TPA2000D1PWR Datasheet HTML 7Page - Texas Instruments TPA2000D1PWR Datasheet HTML 8Page - Texas Instruments TPA2000D1PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
OPERATING CHARACTERISTICS
TPA2000D1
SLOS328F – JUNE 2000 – REVISED MARCH 2004
PV
DD = VDD = 3.3 V, TA = 25°C, RL = 4 Ω, gain = 6 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
f = 1 kHz
850
mW
THD + N
Total harmonic distortion plus noise
PO = 55 mW,
f = 20 Hz to 20 kHz
<0.2%
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CBYP = 1 µF
-61
dB
SNR
Signal-to-noise ratio
93
dB
Output noise voltage (no-noise
Vn
CBYP= 1 µF,
f = <10 Hz to 22 kHz
40
µV(rms)
weighting filter)
Zi
Input impedance
>15
k
Table 1. GAIN SETTINGS
AMPLIFIER GAIN
INPUT IMPEDANCE
(dB)
(k
Ω)
GAIN1
GAIN0
TYP
TYP
0
0
6
104
0
1
12
74
1
0
18
44
1
1
23.5
24
5


Similar Part No. - TPA2000D1PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1PW TI-TPA2000D1PW Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D1PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com