Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2000D1-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. TPA2000D1-Q1
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2000D1-Q1 Datasheet HTML 1Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 2Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 3Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 4Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 5Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPA2000D1Q1
2W FILTERLESS MONO CLASSD AUDIO POWER AMPLIFIER
SGLS137B− SEPTEMBER 2002 − REVISED SEPTEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
η
Efficiency
vs Output power
1
FFT at 1.5-W output power
vs Frequency
2
THD+N
Total harmonic distortion + noise
vs Output power
3, 4, 5
THD+N
Total harmonic distortion + noise
vs Frequency
6, 7
kSVR
Supply ripple rejection ratio
vs Frequency
8
test setup for graphs
The THD+N measurements shown do not use an LC output filter, but do use a 100-
Ω 0.047-µF RC low-pass
filter with a cutoff frequency of ~30 kHz before the audio analyzer, so the switching frequency does not dominate
the measurement. This is done to ensure that the THD+N measured is just the audible THD+N. The THD+N
measurements are shown at the highest gain for worst case. The efficiency was measured with no filters and
a 3-
Ω, 4-Ω, or 8-Ω resistor in series with a 33-µH inductor as the load.
Figure 1
EFFICIENCY
vs
OUTPUT POWER
50
30
20
0
0
0.5
1
1.5
2
70
80
100
2.5
3
3.5
10
40
60
90
PO − Output Power − W
RL = 3 Ω, 33 µH
Class-AB,
RL = 4 Ω
RL = 4 Ω, 33 µH
RL = 8 Ω, 33 µH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn