Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2000D1 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPA2000D1
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2000D1_06 Datasheet HTML 10Page - Texas Instruments TPA2000D1_06 Datasheet HTML 11Page - Texas Instruments TPA2000D1_06 Datasheet HTML 12Page - Texas Instruments TPA2000D1_06 Datasheet HTML 13Page - Texas Instruments TPA2000D1_06 Datasheet HTML 14Page - Texas Instruments TPA2000D1_06 Datasheet HTML 15Page - Texas Instruments TPA2000D1_06 Datasheet HTML 16Page - Texas Instruments TPA2000D1_06 Datasheet HTML 17Page - Texas Instruments TPA2000D1_06 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
C
BYP w 10
C
i
(8)
DIFFERENTIAL INPUT
SHUTDOWN MODES
USING LOW-ESR CAPACITORS
TPA2000D1
SLOS328F – JUNE 2000 – REVISED MARCH 2004
Increasing the bypass capacitor reduces clicking and popping noise from power on/off and entering and leaving
shutdown. To have minimal pop, CBYP should be 10 times larger than Ci.
The differential input stage of the amplifier cancels any noise that appears on both input lines of the channel. To
use the TPA2000D1 EVM with a differential source, connect the positive lead of the audio source to the INP
input and the negative lead from the audio source to the INN input. To use the TPA2000D1 with a single-ended
source, ac ground the INN input through a capacitor and apply the audio single to the input. In a single-ended
input application, the INN input should be ac-grounded at the audio source instead of at the device input for best
noise performance.
The TPA2000D1 employs a shutdown mode of operation designed to reduce supply current (IDD) to the absolute
minimum level during periods of nonuse for battery-power conservation. The SHUTDOWN input terminal should
be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN low causes the outputs to
mute and the amplifier to enter a low-current state, IDD(SD) = 1 µA. SHUTDOWN should never be left
unconnected because amplifier operation would be unpredictable.
Low-ESR capacitors are recommended throughout this application section. A real (as opposed to ideal) capacitor
can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this resistor
minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this resistance,
the more the real capacitor behaves like an ideal capacitor.
14


Similar Part No. - TPA2000D1_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1GQC TI-TPA2000D1GQC Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1PW TI-TPA2000D1PW Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D1_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com