Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2000D1 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPA2000D1
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2000D1_06 Datasheet HTML 1Page - Texas Instruments TPA2000D1_06 Datasheet HTML 2Page - Texas Instruments TPA2000D1_06 Datasheet HTML 3Page - Texas Instruments TPA2000D1_06 Datasheet HTML 4Page - Texas Instruments TPA2000D1_06 Datasheet HTML 5Page - Texas Instruments TPA2000D1_06 Datasheet HTML 6Page - Texas Instruments TPA2000D1_06 Datasheet HTML 7Page - Texas Instruments TPA2000D1_06 Datasheet HTML 8Page - Texas Instruments TPA2000D1_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
OPERATING CHARACTERISTICS
TPA2000D1
SLOS328F ? JUNE 2000 ? REVISED MARCH 2004
PV
DD = VDD = 3.3 V, TA = 25°C, RL = 4 ?, gain = 6 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
f = 1 kHz
850
mW
THD + N
Total harmonic distortion plus noise
PO = 55 mW,
f = 20 Hz to 20 kHz
<0.2%
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CBYP = 1 µF
-61
dB
SNR
Signal-to-noise ratio
93
dB
Output noise voltage (no-noise
Vn
CBYP= 1 µF,
f = <10 Hz to 22 kHz
40
µV(rms)
weighting filter)
Zi
Input impedance
>15
k
?
Table 1. GAIN SETTINGS
AMPLIFIER GAIN
INPUT IMPEDANCE
(dB)
(k
?)
GAIN1
GAIN0
TYP
TYP
0
0
6
104
0
1
12
74
1
0
18
44
1
1
23.5
24
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn