Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2000D1 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TPA2000D1
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2000D1_06 Datasheet HTML 1Page - Texas Instruments TPA2000D1_06 Datasheet HTML 2Page - Texas Instruments TPA2000D1_06 Datasheet HTML 3Page - Texas Instruments TPA2000D1_06 Datasheet HTML 4Page - Texas Instruments TPA2000D1_06 Datasheet HTML 5Page - Texas Instruments TPA2000D1_06 Datasheet HTML 6Page - Texas Instruments TPA2000D1_06 Datasheet HTML 7Page - Texas Instruments TPA2000D1_06 Datasheet HTML 8Page - Texas Instruments TPA2000D1_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
TPA2000D1
SLOS328F – JUNE 2000 – REVISED MARCH 2004
MIN
MAX
UNIT
VDD, PVDD
Supply voltage
2.7
5.5
V
VIH
High-level input voltage
GAIN0, GAIN1, SHUTDOWN
2
V
VIL
Low-level input voltage
GAIN0, GAIN1, SHUTDOWN
0.7
V
fs
Switching frequency
200
300
kHz
TA
Operating free-air temperature
-40
85
°C
at specified free-air temperature, PV
DD = VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured differ-
|VOS|
VI = 0 V,
AV = any gain
25
mV
entially)
PSRR
Power supply rejection ratio
PVDD = 4.9 V to 5.1 V
-77
dB
|IIH|
High-level input current
PVDD = 5.5,
VI = PVDD
1
µA
|IIL|
Low-level input current
PVDD = 5.5,
VI = 0 V
1
µA
Supply current, no filter (with or without
IDD
4
6
mA
speaker load)
IDD(SD)
Supply current, shutdown mode
GAIN0, GAIN1, SHUTDOWN = 0 V
0.05
20
µA
PV
DD = VDD = 5 V, TA = 25°C, RL = 4 Ω, gain = 6 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
f = 1 kHz,
2
W
THD + N
Total harmonic distortion plus noise
PO = 1.5 W,
f = 20 Hz to 20 kHz
<0.2%
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CBYP = 1 µF
-67
dB
SNR
Signal-to-noise ratio
95
dB
Output noise voltage (no-noise
f = < 10 Hz to 22
Vn
CBYP = 1 µF,
40
µV(rms)
weighting filter)
kHz
Zi
Input impedance
>15
k
at specified free-air temperature, PV
DD = VDD = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
|VOS|
VI = 0 V
AV = any gain
25
mV
differentially)
PVDD = 3.2 V
PSRR
Power supply rejection ratio
-61
dB
to 3.4 V
|IIH|
High-level input current
PVDD = 3.3
VI = PVDD
1
µA
|IIL|
Low-level input current
PVDD = 3.3
VI = 0 V
1
µA
Supply current, no filter (with or without
IDD
4
6
mA
speaker load)
IDD(SD)
Supply current, shutdown mode
0.05
20
µA
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn